Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 18Page - Renesas Technology Corp ICS843034 Datasheet HTML 19Page - Renesas Technology Corp ICS843034 Datasheet HTML 20Page - Renesas Technology Corp ICS843034 Datasheet HTML 21Page - Renesas Technology Corp ICS843034 Datasheet HTML 22Page - Renesas Technology Corp ICS843034 Datasheet HTML 23Page - Renesas Technology Corp ICS843034 Datasheet HTML 24Page - Renesas Technology Corp ICS843034 Datasheet HTML 25Page - Renesas Technology Corp ICS843034 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
22
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Application Schematic Example
Figure 7 (next page) shows an example of 843034 application
schematic. In this example, the device is operated at VCC = VCCO_A
= VCCO_B = VCCO_REF = 3.3V. An 18pF parallel resonant 25MHz
crystal is used. The load capacitance C1 = 18pF and C2 = 22pF are
recommended for frequency accuracy. Depending on the parasitics
of the printed circuit board layout, these values might required slight
adjustment to optimize the frequency accuracy. Crystals with other
load capacitance specifications can be used. This will require
adjusting C1 and C2. For this device, the crystal load capacitors are
required for proper operation.
As with any high speed analog circuitry, the power supply pins are
vulnerable to noise. To achieve optimum jitter performance, power
supply isolation is required. The 843034 provides separate power
supplies to isolate to isolate any high switching noise from coupling
into the internal PLL.
In order to achieve the best possible filtering, it is recommended that
the placement of the filter components be on the device side of the
PCB as close to the power pins as possible. If space is limited, the
0.1uF capacitor in each power pin filter should be placed on the
device side. The other components can be on the opposite side of the
PCB.
Power supply filter recommendations are a general guideline to be
used for reducing external noise from coupling into the devices. The
filter performance is designed for a wide range of noise frequencies.
This low-pass filter starts to attenuate noise at approximately 10kHz.
If a specific frequency noise component with high amplitude
interference is known, such as switching power supplies
frequencies, it is recommended that component values be adjusted
and if required, additional filtering be added. Additionally general
design practice for power plane voltage stability suggests adding
bulk capacitances in the general area of all devices.
The schematic example focuses on functional connections and is not
configuration specific. Refer to the pin description and functional
tables in the datasheet to ensure the logic control inputs are properly
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com