Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 20Page - Renesas Technology Corp ICS843034 Datasheet HTML 21Page - Renesas Technology Corp ICS843034 Datasheet HTML 22Page - Renesas Technology Corp ICS843034 Datasheet HTML 23Page - Renesas Technology Corp ICS843034 Datasheet HTML 24Page - Renesas Technology Corp ICS843034 Datasheet HTML 25Page - Renesas Technology Corp ICS843034 Datasheet HTML 26Page - Renesas Technology Corp ICS843034 Datasheet HTML 27Page - Renesas Technology Corp ICS843034 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
24
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Power Considerations
This section provides information on power dissipation and junction temperature for the 843034.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the 843034 is the sum of the core power plus the power dissipated due to loading.
The following is the power dissipation for VCC = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated due to loading.
Core and LVPECL Output Power Dissipation
•
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 188mA = 651.42mW
•
Power (outputs)MAX = 30mW/Loaded Output pair
If all outputs are loaded, the total power is 2 * 32.6mW = 65.2mW
LVCMOS Output Power Dissipation
•
Output Impedance ROUT Power Dissipation due to Loading 50 to VCCO_REF/2
Output Current IOUT = VCCO_REF / [2 * (50 + ROUT)] = 3.465V / [2 * (50 + 12)] = 27.94mA
Power (REF_OUT) = ROUT * (IOUT)
2 = 12
 * (27.94mA)2 = 9.37mW per output
Total Power Dissipation
•
Total Power
= Power (core)MAX + Power(LVPECL outputs)MAX + Power (REF_OUT)
= 651.42mW + 65.2mW + 9.37mW
= 725.99mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 65.7°C/W per Table 8 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.726W * 65.7°C/W = 117.7°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 8. Thermal Resistance
JA for 48-Lead LQFP Forced Convection
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
65.7°C/W
55.9°C/W
52.4°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com