Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS843034 Datasheet HTML 1Page - Renesas Technology Corp ICS843034 Datasheet HTML 2Page - Renesas Technology Corp ICS843034 Datasheet HTML 3Page - Renesas Technology Corp ICS843034 Datasheet HTML 4Page - Renesas Technology Corp ICS843034 Datasheet HTML 5Page - Renesas Technology Corp ICS843034 Datasheet HTML 6Page - Renesas Technology Corp ICS843034 Datasheet HTML 7Page - Renesas Technology Corp ICS843034 Datasheet HTML 8Page - Renesas Technology Corp ICS843034 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
© Integrated Device Technology, Inc
December 2, 2015
General Description
The 843034 is a general pur pose, low phase noise
LVPECL synthesizer which can generate frequencies for a
wide var iety of applications. The 843034 has a 4:1 input
Multiplexer from which the following inputs can be
selected: one differential input, one single-ended input, or
two cr ystal oscillators, thus making the device ideal for
frequency translation or frequency generation. Each
differential LVPECL output pair has an output divider
which can be independently set so that two different
frequencies can be generated. Additionally, each LVPECL
output pair has a dedicated power supply pin so the
outputs can r un at 3.3V or 2.5V. The 843034 also supplies
a buffered copy of the test clock or cr ystal frequency on
the single-ended REF_OUT output pin which can be
enabled or disabled, (disabled by default). The output
frequency can be programmed using either a ser ial or
parallel programming interface.
The phase jitter of the 843034 is less than 1ps RMS, making it
suitable for use in Fiber Channel, SONET, and Ethernet applications.
Pin Assignment
Features
• Dual differential 3.3V LVPECL outputs which can be set
independently for either 3.3V or 2.5V
• 4:1 Input Mux:
One differential input
One single-ended input
Two crystal oscillator interfaces
• CLK, nCLK pair can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, HCSL
• TEST_CLK accepts LVCMOS or LVTTL input levels
• Output frequency range: 35MHz to 625MHz
• Crystal input frequency range: 12MHz to 40MHz
• VCO range: 560MHz to 750MHz
• Parallel or serial interface for programming feedback divider and
output dividers
• RMS phase jitter at 333.3MHz, using a 22.222MHz crystal (12kHz
to 20MHz): 0.91ps (typical)
• Supply voltage modes:
LVPECL outputs
Core/ Output
3.3V/ 3.3V
3.3V/ 2.5V
REF_OUT output
Core/ Output
3.3V/ 3.3V
• 0°C to 70°C ambient operating temperature
• Industrial temperature available upon request with ePad option
• Lead-free (RoHS 6) packaging
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
M8
NB0
NB1
NB2
OE_REF
OE_A
OE_B
VCC
NA0
NA1
NA2
VEE
XTAL_OUT1
XTAL_IN1
XTAL_OUT0
XTAL_IN0
TEST_CLK
SEL1
SEL0
VCCA
S_LOAD
S_DATA
S_CLOCK
MR
48 47 46 45 44 43 42 41 40 39 38 37
ICS843034
48-PIN LQFP
7mm x 7mm x 1.4mm
package body
Y Package
Top View
FemtoClock® Multi-Rate 3.3V, 2.5V
LVPECL Frequency Synthesizer
843034
DATA SHEET


Similar Part No. - ICS843034

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 25, 2005
ICS843034-01 ICST-ICS843034-01 Datasheet
244Kb / 22P
FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
ICS843034A01 ICST-ICS843034A01 Datasheet
244Kb / 22P
FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
ICS843034AY ICST-ICS843034AY Datasheet
250Kb / 23P
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 25, 2005
ICS843034AY-01 ICST-ICS843034AY-01 Datasheet
244Kb / 22P
FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843034

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 25, 2005
logo
Integrated Device Techn...
843034-06 IDT-843034-06 Datasheet
538Kb / 24P
FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
843034I-06 IDT-843034I-06 Datasheet
542Kb / 25P
FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004I RENESAS-843004I Datasheet
534Kb / 20P
FemtoClock® LVCMOS/Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
12/9/14
843034-06 RENESAS-843034-06 Datasheet
739Kb / 25P
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/17/15
843034I-06 RENESAS-843034I-06 Datasheet
983Kb / 26P
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/20/15
ICS843004I-156 RENESAS-ICS843004I-156 Datasheet
435Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
FEBRUARY 27, 2013
ICS843004I-09 RENESAS-ICS843004I-09 Datasheet
776Kb / 19P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
2019
ICS843801I-24 RENESAS-ICS843801I-24 Datasheet
849Kb / 18P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
843004I-01 RENESAS-843004I-01 Datasheet
598Kb / 20P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
January 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com