Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 10Page - Renesas Technology Corp ICS843034 Datasheet HTML 11Page - Renesas Technology Corp ICS843034 Datasheet HTML 12Page - Renesas Technology Corp ICS843034 Datasheet HTML 13Page - Renesas Technology Corp ICS843034 Datasheet HTML 14Page - Renesas Technology Corp ICS843034 Datasheet HTML 15Page - Renesas Technology Corp ICS843034 Datasheet HTML 16Page - Renesas Technology Corp ICS843034 Datasheet HTML 17Page - Renesas Technology Corp ICS843034 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Parameter Measurement Information
3.3V/3.3V LVPECL Output Load Test Circuit
3.3V/3.3V LVCMOS Output Load Test Circuit
RMS Phase Jitter
3.3V/2.5V LVPECL Output Load Test Circuit
Differential Input Levels
Output Skew
SCOPE
FOUTx
nFOUTx
V
EE
VCC,
2V
-1.3V±0.165V
VCCO_A,
VCCO_B VCCA
2V
SCOPE
REF_OUT
VEE
VCC,
1.65V±5%
-1.65V±5%
VCCO_REF
VCCA
1.65V±5%
SCOPE
FOUTx
nFOUTx
V
EE
VCCO_A,
VCCA
2.8V± 0.04V
-0.5V±-0.125V
2V
VCCO_B
VCC
2.8V± 0.04V
V
CMR
Cross Points
V
PP
VCC
VEE
nCLK
CLK
FOUTx
FOUTy
nFOUTx
nFOUTy
tsk(o)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com