Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS843034 Datasheet HTML 1Page - Renesas Technology Corp ICS843034 Datasheet HTML 2Page - Renesas Technology Corp ICS843034 Datasheet HTML 3Page - Renesas Technology Corp ICS843034 Datasheet HTML 4Page - Renesas Technology Corp ICS843034 Datasheet HTML 5Page - Renesas Technology Corp ICS843034 Datasheet HTML 6Page - Renesas Technology Corp ICS843034 Datasheet HTML 7Page - Renesas Technology Corp ICS843034 Datasheet HTML 8Page - Renesas Technology Corp ICS843034 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Functional Description
NOTE: The functional description that follows describes operation
using a 25MHz crystal. Valid PLL loop divider values for different
crystal or input frequencies are defined in the Input Frequency
Characteristics, Table 5, NOTE.
The 843034 features a fully integrated PLL and therefore requires no
external components for setting the loop bandwidth. A fundamental
crystal is used as the input to the on-chip oscillator. The output of the
oscillator is fed into the phase detector. A 25MHz crystal provides a
25MHz phase detector reference frequency. The VCO of the PLL
operates over a range of 560MHz to 750MHz. The output of the M
divider is also applied to the phase detector.
The phase detector and the M divider force the VCO output
frequency to be M times the reference frequency by adjusting the
VCO control voltage. Note that for some values of M (either too high
or too low), the PLL will not achieve lock. The output of the VCO is
scaled by a divider prior to being sent to each of the LVPECL output
buffers. The divider provides a 50% output duty cycle.
The 843034 supports either serial or parallel programming modes to
program the M feedback divider and N output divider. Figure 1 shows
the timing diagram for each mode. In parallel mode, the nP_LOAD
input is initially LOW. The data on the M, NA and NB inputs are
passed directly to the M divider and both N output dividers. On the
LOW-to-HIGH transition of the nP_LOAD input, the data is latched
and the M and N dividers remain loaded until the next LOW transition
on nP_LOAD or until a serial event occurs. As a result, the M and Nx
bits can be hardwired to set the M divider and Nx output divider to a
specific default state that will automatically occur during power-up.
The TEST output is LOW when operating in the parallel input mode.
The relationship between the VCO frequency, the crystal frequency
and the M divider is defined as follows:
The M value and the required values of M0 through M8 are shown in
Table 3B to program the VCO Frequency Function Table. Valid M
values for which the PLL will achieve lock for a 25MHz reference are
defined as 23
M 30. The frequency out is defined as follows:
Serial operation occurs when nP_LOAD is HIGH and S_LOAD is
LOW. The shift register is loaded by sampling the S_DATA bits with
the rising edge of S_CLOCK. The contents of the shift register are
loaded into the M divider and Nx output divider when S_LOAD
transitions from LOW-to-HIGH. The M divide and Nx output values
are latched on the HIGH-to-LOW transition of S_LOAD. If S_LOAD is
held HIGH, data at the S_DATA input is passed directly to the M
divider and Nx output divider on each rising edge of S_CLOCK. The
serial mode can be used to program the M and Nx bits and test bits
T1 and T0. The internal registers T0 and T1 determine the state of
the TEST output as follows:
T1
T0
TEST Output
0
0
LOW
0
1
S_Data, Shift Register Output
1
0
Output of M divider
1
1
Same frequency as FOUTA0
Figure 1. Parallel & Serial Load Operations
fVCO
fXTAL
M
=
fOUT
fVCO
N
---------------
fXTAL
M
N
-----------------------------
==
SERIAL LOADING
PARALLEL LOADING
M, N
t
S
t
S
t
H
t
S
t
H
Time
NB0
NA2
M6
NA0
M8
M7
NA1
M5
M0
M4
M3
M2
M1
NB1
NB2
T0
T1
S_CLOCK
S_DATA
S_LOAD
S_LOAD
nP_LOAD
nP_LOAD
M[0:8], NA[0:2], NB[0:2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com