Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 23Page - Renesas Technology Corp ICS843034 Datasheet HTML 24Page - Renesas Technology Corp ICS843034 Datasheet HTML 25Page - Renesas Technology Corp ICS843034 Datasheet HTML 26Page - Renesas Technology Corp ICS843034 Datasheet HTML 27Page - Renesas Technology Corp ICS843034 Datasheet HTML 28Page - Renesas Technology Corp ICS843034 Datasheet HTML 29Page - Renesas Technology Corp ICS843034 Datasheet HTML 30Page - Renesas Technology Corp ICS843034 Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
29
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Revision History Sheet
Rev
Table
Page
Description of Change
Date
B
T1
T3
T3B
T3C
T3F
T4A
T4B
T5
T6
T7A, T7B
1
1
2
4
5
6
7
8
9
9
10
10
11 - 12
14 - 15
16
17
18
22 - 23
24
Corrected General Description: changed reference clock to test clock; and changed
REF_CLK to REF_OUT. Deleted last paragraph.
Features: corrected Supply Voltage bullet from REF_CLK output to REF_OUT output.
Block Diagram - swapped SEL1 and SEL0 pins; changed REF_CLK to TEST_CLK.
Pin Description Table - Pin 5, corrected description to read REF_OUT from REF_CLK;
Pin 21, corrected pin name from REF_CLK to REF_OUT.
Pin Characteristics Table - CIN row, added Clock Input Pin row; ROUT row, corrected pin
name from REF_CLK to REF_OUT.
Programmable VCO Frequency Function Table - deleted blank rows. changed VCO
Frequency from 700 to 600 and M Divide from 28 to 24 (updated row for M2 column);
changed VCO Frequency from 750 to 625 and M Divide from 30 to 25 (updated rows for
M2:M1 columns).
Programmable Output Divider Function Table - corrected Output Frequency Maximum
column.
SEL0, SEL1 Function Table - corrected Headings, changed from SEL 0 / SEL1 to
SEL 1 /SEL0 Input Column - swapped 2nd and 3rd rows.
Power Supply DC Characteristics Table - changed VCCO_REF test condition from REF_CLK
to REF_OUT.
LVCMOS DC Characteristic Table - VOH/ VOL rows - changed REF_CLK to REF_OUT.
Input Frequency Characteristics Table - fIN parameter - deleted S_CLOCK row; deleted
Rise/Fall Time parameters.
Crystal Characteristics - added Load Capacitance parameter.
AC Characteristic Tables - Output Rise/Fall Time, changed REF_CLK to REF_OUT; Output
Duty Cycle parameter - changed specs from 40% - 60% to 35% - 65%; PLL Lock Time
parameter - change spec from 100ms to 200ms; Note 2 changed REF_CLK to REF_OUT.
Parameter Measurement Information - corrected 3.3V/2.5V LVPECL Output Load Test
Circuit Diagram. Added differential Input Levels, RMS Phase Jitter, Cycle-to-Cycle Jitter and
PLL Lock Time diagrams. LVCMOS Output Rise/Fall Time diagram corrected label from
changed REF_CLK to REF_OUT
Applications Section -
Recommendations for Unused Input & Output Pins - added CLK, nCLK input section and
changed Output section.
Updated Wiring the Differential Input to Accept Single-Ended Levels.
Updated Wiring the Differential Input to Accept Single-Ended Levels.
Updated Schematic Application Note.
Power Considerations, corrected LVCMOS Output Power Dissipation and calculation.
11/6/13
B
F1
T3B
T3C
1
3
3
3
6
6
Features: Changed VCO range from 625MHz to 750MHz.
Functional Description, 2nd paragraph: Changed VCO range from 625MHz to 750MHz.
Functional Description, 5th paragraph: Changed 23
M 25 to 23 M 30.
Replaced Figure 1.
Updated Table for VCO Frequencies 700MHz, 750MHz.
Updated Output Frequency Maximum column.
2/5/2014
B
Updated data sheet format
12/2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com