Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV841 Datasheet (PDF) - Texas Instruments

TLV841 Datasheet PDF - Texas Instruments
Part # TLV841
Download  TLV841 Download
File Size   1669.2 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package

TLV841 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV841 Datasheet PDF - Texas Instruments

Part # TLV841
Download  TLV841 Click to download

File Size   1669.2 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package

TLV841 Datasheet (HTML) - Texas Instruments


TLV841 Product details

1 Features
Designed for high performance:
• Nano quiescent current: 125nA (typical)
• High threshold accuracy: ±0.5% (typical)
• Built-in precision hysteresis (VHYS): 5% (typical)
Designed for a wide range of applications:
• Operating voltage range: 0.7V to 5.5V
• Adjustable threshold voltage: 0.505V (typical)
• Fixed (VIT-) voltage: 0.8V to 4.9V in 0.1V steps
• Separate SENSE pin (TLV841S)
• Active-low manual reset (MR) (TLV841M)
• Push-button monitoring for TLV841 (S/M variants)
• Reset time delay (tD): Capacitor-based
programmable (TLV841C)
– Minimum time delay: 40μs (typical) without
capacitor
• Reset time delay (tD): Fixed time delay options
(TLV841M and TLV841S)
– 40μs, 2ms, 10ms, 30ms, 50ms, 80ms, 100ms,
150ms, 200ms
• Temperature range: –40°C to +125°C
Multiple output topologies, package type:
• TLV841xxDL: open-drain, active-low (RESET)
• TLV841xxPL: push-pull, active-low (RESET)
• TLV841xxDH: open-drain, active-high (RESET)
• TLV841xxPH: push-pull, active-high (RESET)
• Package: 0.73mm × 0.73mm DSBGA

2 Applications
• Personal electronics including wearables and
hearing devices
• Home theater and entertainment
• Electronic point of sale
• Grid infrastructure
• Data center and enterprise computing

3 Description
TLV841 is a nano power, precision voltage supervisor
with ±0.5% threshold accuracy in an ultra-small
DSBGA package. The TLV841 offers three pinout
variants (S, M, C) to provide many unique options
in the smallest package size. Built-in hysteresis
along with fixed or programmable (TLV841C) reset
delay prevent false reset signals when monitoring
a voltage rail or push button signals. The separate
VDD and SENSE (TLV841S) pins allow for the
redundancy sought by high-reliability systems.
SENSE is decoupled from VDD and can monitor rail
voltages other than VDD or can be used as a pushbutton
input. TLV841M offers a separate manual reset
(MR) pin to force a reset condition with an external
signal or be used as a push button input. TLV841M
can be setup for VDD and MR pin monitoring to
create a simple two-channel supervisor.
TLV841 offers precision performance, low power
consumption, and best in-class features in the
smallest compact form factor is focused for wide
range battery powered applications such as personal
and consumer products. Optional use of external
resistors are supported by the high impedance input
of the SENSE pin. TLV841S offers fixed reset delay
timing options with no need of an external capacitor.
TLV841C allows programmable reset time delay
including a minimum delay when the CT pin is left
floating. TLV841 operates over a temperature range
of -40°C to +125°C (TA).




Similar Part No. - TLV841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV841 TI-TLV841 Datasheet
1Mb / 33P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
TLV841 TI-TLV841 Datasheet
2Mb / 34P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
REVISED JULY 2021
TLV841 TI-TLV841 Datasheet
2Mb / 35P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
JULY 2021
TLV841SADL01YBHR TI-TLV841SADL01YBHR Datasheet
2Mb / 34P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
REVISED JULY 2021
TLV841SADL01YBHR TI-TLV841SADL01YBHR Datasheet
2Mb / 35P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
JULY 2021
More results


Similar Description - TLV841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61046 TI-TPS61046_15 Datasheet
923Kb / 25P
TPS61046 28-V Output Voltage Boost Converter in WCSP Package
TLV7081 TI1-TLV7081 Datasheet
409Kb / 18P
Nano-Power, Small-Size, Low-Voltage Comparator
TLV7081 TI1-TLV7081_18 Datasheet
1Mb / 22P
Nano-Power, 4-Bump WCSP, Small-Size Comparator
TPS3840 TI1-TPS3840 Datasheet
857Kb / 31P
Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TLV841 TI-TLV841 Datasheet
1Mb / 33P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
TLV840-Q1 TI-TLV840-Q1_V01 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
TLV841 TI-TLV841_V01 Datasheet
2Mb / 34P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
REVISED JULY 2021
TLV841 TI-TLV841_V02 Datasheet
2Mb / 35P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
JULY 2021
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
A4812 AITSEMI-A4812 Datasheet
363Kb / 6P
SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH PRECISION PROGRAMMABLE VOLTAGE DETECTOR
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com