Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W800 Datasheet (PDF) - STMicroelectronics

M28W800 Datasheet PDF - STMicroelectronics
Part # M28W800
Download  M28W800 Download
File Size   369.61 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory

M28W800 Datasheet (PDF)

Go To PDF Page Download Datasheet
M28W800 Datasheet PDF - STMicroelectronics

Part # M28W800
Download  M28W800 Click to download

File Size   369.61 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory

M28W800 Datasheet (HTML) - STMicroelectronics


M28W800 Product details

SUMMARY DESCRIPTION
The M28W800C is a 8 Mbit (512Kbit x 16) non-volatile Flash memory that can be erased electrically at the block level and programmed in-system on a Word-by-Word basis. These operations can be performed using a single low voltage (2.7 to 3.6V) supply. VDDQ allows to drive the I/O pin down to 1.65V. An optional 12V VPP power supply is provided to speed up customer programming.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
    – VDD = 2.7V to 3.6V Core Power Supply
    – VDDQ= 1.65V to 3.6V for Input/Output
    – VPP = 12V for fast Program (optional)
■ ACCESS TIME: 70, 85, 90,100ns
■ PROGRAMMING TIME:
    – 10µs typical
    – Double Word Programming Option
■ COMMON FLASH INTERFACE
    – 64 bit Security Code
■ MEMORY BLOCKS
    – Parameter Blocks (Top or Bottom location)
    – Main Blocks
■ BLOCK LOCKING
    – All blocks locked at Power Up
    – Any combination of blocks can be locked
    – WP for Block Lock-Down
■ SECURITY
    – 64 bit user Programmable OTP cells
    – 64 bit unique device identifier
    – One Parameter Block Permanently Lockable
■ AUTOMATIC STAND-BY MODE
■ PROGRAM and ERASE SUSPEND
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Top Device Code, M28W800CT: 88CCh
    – Bottom Device Code, M28W800CB: 88CDh




Similar Part No. - M28W800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W800 STMICROELECTRONICS-M28W800 Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800B-GBT STMICROELECTRONICS-M28W800B-GBT Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800BB STMICROELECTRONICS-M28W800BB Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800BB10N1T STMICROELECTRONICS-M28W800BB10N1T Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800BB10N6T STMICROELECTRONICS-M28W800BB10N6T Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
More results


Similar Description - M28W800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
14-Jan-2000
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
17-Feb-2003
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
08-Jun-2004
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
16-Sep-2004
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
17-May-2000
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com