Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W800 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28W800
Description  8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W800 Datasheet(HTML) 1 Page - STMicroelectronics

  M28W800 Datasheet HTML 1Page - STMicroelectronics M28W800 Datasheet HTML 2Page - STMicroelectronics M28W800 Datasheet HTML 3Page - STMicroelectronics M28W800 Datasheet HTML 4Page - STMicroelectronics M28W800 Datasheet HTML 5Page - STMicroelectronics M28W800 Datasheet HTML 6Page - STMicroelectronics M28W800 Datasheet HTML 7Page - STMicroelectronics M28W800 Datasheet HTML 8Page - STMicroelectronics M28W800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1/49
May 2002
M28W800CT
M28W800CB
8 Mbit (512Kb x16, Boot Block)
3V Supply Flash Memory
FEATURES SUMMARY
s
SUPPLY VOLTAGE
–VDD = 2.7V to 3.6V Core Power Supply
–VDDQ= 1.65V to 3.6V for Input/Output
–VPP = 12V for fast Program (optional)
s
ACCESS TIME: 70, 85, 90,100ns
s
PROGRAMMING TIME:
– 10µs typical
– Double Word Programming Option
s
COMMON FLASH INTERFACE
– 64 bit Security Code
s
MEMORY BLOCKS
– Parameter Blocks (Top or Bottom location)
– Main Blocks
s
BLOCK LOCKING
– All blocks locked at Power Up
– Any combination of blocks can be locked
–WP for Block Lock-Down
s
SECURITY
– 64 bit user Programmable OTP cells
– 64 bit unique device identifier
– One Parameter Block Permanently Lockable
s
AUTOMATIC STAND-BY MODE
s
PROGRAM and ERASE SUSPEND
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Top Device Code, M28W800CT: 88CCh
– Bottom Device Code, M28W800CB: 88CDh
Figure 1. Packages
FBGA
TSOP48 (N)
12 x 20mm
TFBGA46 (ZB)
6.39 x 6.37mm


Similar Part No. - M28W800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W800 STMICROELECTRONICS-M28W800 Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800B-GBT STMICROELECTRONICS-M28W800B-GBT Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800BB STMICROELECTRONICS-M28W800BB Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800BB10N1T STMICROELECTRONICS-M28W800BB10N1T Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M28W800BB10N6T STMICROELECTRONICS-M28W800BB10N6T Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
More results

Similar Description - M28W800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
14-Jan-2000
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
17-Feb-2003
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
08-Jun-2004
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
16-Sep-2004
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
17-May-2000
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com