Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHVC300-4091-S8-D024-R1 Datasheet (PDF) - Solid State Supplies.

DHVC300-4091-S8-D024-R1 Datasheet PDF - Solid State Supplies.
Part # DHVC300-4091-S8-D024-R1
Download  DHVC300-4091-S8-D024-R1 Download
File Size   1164.23 Kbytes
Page   3 Pages
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.
Description HVDC Contactor 500A / 1000VDC

DHVC300-4091-S8-D024-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DHVC300-4091-S8-D024-R1 Datasheet PDF - Solid State Supplies.

Part # DHVC300-4091-S8-D024-R1
Download  DHVC300-4091-S8-D024-R1 Click to download

File Size   1164.23 Kbytes
Page   3 Pages
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.
Description HVDC Contactor 500A / 1000VDC

DHVC300-4091-S8-D024-R1 Datasheet (HTML) - Solid State Supplies.


DHVC300-4091-S8-D024-R1 Product details

• 300A Continuous
• Max. breaking current = 2000A
• Magnet arc blowout
• Non-polarised contacts
• Optional auxiliary contact
• Male or female power terminals
• Side or bottom mount
• PWM or twin coil economiser




Similar Part No. - DHVC300-4091-S8-D024-R1

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DHVC200-4061-B8-1012-R1 DURAKOOL-DHVC200-4061-B8-1012-R1 Datasheet
1Mb / 3P
HVDC Contactor 500A / 1000VDC
DHVC200-4061-B8-1012-R3 DURAKOOL-DHVC200-4061-B8-1012-R3 Datasheet
1Mb / 3P
HVDC Contactor 500A / 1000VDC
DHVC200-4061-B8-1012-T1 DURAKOOL-DHVC200-4061-B8-1012-T1 Datasheet
1Mb / 3P
HVDC Contactor 500A / 1000VDC
DHVC200-4061-B8-1012-T3 DURAKOOL-DHVC200-4061-B8-1012-T3 Datasheet
1Mb / 3P
HVDC Contactor 500A / 1000VDC
DHVC200-4061-B8-1024-R1 DURAKOOL-DHVC200-4061-B8-1024-R1 Datasheet
1Mb / 3P
HVDC Contactor 500A / 1000VDC
More results


Similar Description - DHVC300-4091-S8-D024-R1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM755HA NIEC-PDM755HA Datasheet
108Kb / 3P
MOSFET 75A 500A
logo
TRANSYS Electronics Lim...
MBRF50020 TEL-MBRF50020 Datasheet
123Kb / 2P
SCHOTTKY DIODES MODULE TYPE 500A
logo
List of Unclassifed Man...
EFRG-P2657H ETC2-EFRG-P2657H Datasheet
336Kb / 2P
1U HVDC 650W Server Power Supply
logo
Cooper Bussmann, Inc.
PV-1A10F COOPER-PV-1A10F Datasheet
909Kb / 6P
10x38mm photovoltaic fuses 1000Vdc, 1-30A
logo
Nanjing International G...
MDS500A DGNJDZ-MDS500A Datasheet
513Kb / 2P
MDS 500A
logo
Soshin electric Co., Lt...
HF2000E-SJB SOSHIN-HF2000E-SJB Datasheet
390Kb / 4P
DC 1000VDC
logo
XP Power Limited
HRL30 XPPOWER-HRL30 Datasheet
431Kb / 6P
DC-HVDC Converter
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4648-X052 VACUUMSCHMELZE-T60404-N4648-X052 Datasheet
204Kb / 4P
500A Current Sensor
T60404-N4648-X053 VACUUMSCHMELZE-T60404-N4648-X053 Datasheet
192Kb / 4P
500A Current Sensor
logo
Bel Fuse Inc.
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com