Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHVC300-4091-S8-D024-R1 Datasheet(PDF) 2 Page - Solid State Supplies.

Part # DHVC300-4091-S8-D024-R1
Description  HVDC Contactor 500A / 1000VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DHVC300-4091-S8-D024-R1 Datasheet(HTML) 2 Page - Solid State Supplies.

  DHVC300-4091-S8-D024-R1 Datasheet HTML 1Page - Solid State Supplies. DHVC300-4091-S8-D024-R1 Datasheet HTML 2Page - Solid State Supplies. DHVC300-4091-S8-D024-R1 Datasheet HTML 3Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DHVC300 Series
HVDC Contactor 500A / 1000VDC
2
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DHVC300 14-Mar-25KS
Coil Data (with PWM economiser)
Table 1
Coil code
Nominal voltage
(V DC) Us
Coil operating
range
(V DC)
Must operate
voltage max.
(V DC)
Must release
voltage
(V DC)
Starting current
(A)
Maintain (hold)
current
(A)
1236
9 ~ 36
9 ~ 36
8 ~ 9
5.5 ~ 7.0
2.4A @ 12V
2.0A @ 24V
0.18 @ 12V
0.09 @ 24V
3295
32 ~ 95
32 ~ 95
29 ~ 31
23 ~ 25
1.3A
0.03 @ 48V
PWM Coil economiser: no additional coil surge suppression required. Coil terminals are polarized.
Coil Data (Twin coil economiser)
Table 2
Coil code
Nominal voltage
(V DC) Us
Coil operating
range
(V DC)
Must operate
voltage max.
(V DC)
Must release
voltage
(V DC)
Starting current
(A)
Power dissipation
(W)
D012
12
9 ~ 16
9.00
1.2
3.8
6
D024
24
18 ~ 32
18.00
2.4
1.9
6
Electrical performance
Fig. 1
Electrical life: Resistive load, non-polarized
Carry current (A) vs Time (seconds)
Connection Diagram
Fig. 2
Optional “Mini-fit” Connector
Fig. 3
Connector for coil & auxilary contact (x2)
1 = Coil lead terminal +ve (red)
2 = Coil lead terminal -ve (black)
Auxilary contact leads = white
Fitted socket type: SM-2A-HW
Fitted terminal type: SMY-HW
Dimensions in mm
Observe coil polarity.
Current (A)
Current (A)
100000
10000
1000
100
10
Recommended conductor size of 120mm2 and terminal temperature rise maximum in accordance with ISO (EN) 60947.1 70⁰C.
Carry current is highly dependent upon conductor size.
Life estimates are based on tests and extrapolated data|.
The user is advised to confirm the performance in their application.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com