Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

154N-005G-R Datasheet (PDF) - TE Connectivity Ltd

154N-005G-R Datasheet PDF - TE Connectivity Ltd
Part # 154N-005G-R
Download  154N-005G-R Download
File Size   241.33 Kbytes
Page   5 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Compensated

154N-005G-R Datasheet (PDF)

Go To PDF Page Download Datasheet
154N-005G-R Datasheet PDF - TE Connectivity Ltd

Part # 154N-005G-R
Download  154N-005G-R Click to download

File Size   241.33 Kbytes
Page   5 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Compensated

154N-005G-R Datasheet (HTML) - TE Connectivity Ltd


154N-005G-R Product details

FEATURES
 O-Ring mount
 -40℃ to +125℃ Operating Temperature Range
 Up to ±0.1% Pressure Non-Linearity
 1.0% Interchangeable Span (provided by gain set resistor)
 Solid State Reliability

APPLICATIONS
 Medical Instruments
 Process Control
 Fresh & Waste Water Measurements
 Refrigeration/Compressors
 Pressure Transmitters
 Hydraulic Controls




Similar Part No. - 154N-005G-R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
154N-001G-R TEC-154N-001G-R Datasheet
241Kb / 5P
154N
More results


Similar Description - 154N-005G-R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
6755 VECTRON-6755 Datasheet
457Kb / 4P
TEMPERATURE COMPENSATED
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
Current-compensated Chokes
logo
Digitron Semiconductors
1N4565 DIGITRON-1N4565 Datasheet
131Kb / 3P
6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
logo
List of Unclassifed Man...
095 ETC2-095 Datasheet
158Kb / 2P
Temperature compensated
logo
TE Connectivity Ltd
82CV TEC-82CV Datasheet
251Kb / 5P
Temperature Compensated
154NCV TEC-154NCV Datasheet
144Kb / 5P
Temperature Compensated
logo
Megawin Technology Co.,...
MG39U103AH-050 MEGAWIN-MG39U103AH-050 Datasheet
293Kb / 14P
Temperature compensated
logo
M/A-COM Technology Solu...
1N4565-1 MA-COM-1N4565-1 Datasheet
731Kb / 5P
Temperature Compensated
logo
Unisonic Technologies
UD36061G-AG6-R UTC-UD36061G-AG6-R Datasheet
198Kb / 6P
Internally Compensated
logo
ARTSCHIP ELECTRONICS CO...
LM158 ARTSCHIP-LM158 Datasheet
252Kb / 16P
Frequency - Compensated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com