Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W004 Datasheet (PDF) - STMicroelectronics

M29W004 Datasheet PDF - STMicroelectronics
Part # M29W004
Download  M29W004 Download
File Size   157.32 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory

M29W004 Datasheet (PDF)

Go To PDF Page Download Datasheet
M29W004 Datasheet PDF - STMicroelectronics

Part # M29W004
Download  M29W004 Click to download

File Size   157.32 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory

M29W004 Datasheet (HTML) - STMicroelectronics


M29W004 Product details

SUMMARY DESCRIPTION
The M29W004B is a 4 Mbit (512Kb x8) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (2.7 to 3.6V) supply. On power-up the memory defaults to its Read mode where it can be read in the same way as a ROM or EPROM. The M29W004B is fully backward compatible with the M29W004.

■ SINGLE 2.7 to 3.6V SUPPLY VOLTAGE for PROGRAM, ERASE and READ OPERATIONS
■ ACCESS TIME: 55ns
■ PROGRAMMING TIME
   – 10µs by Byte typical
■ 11 MEMORY BLOCKS
   – 1 Boot Block (Top or Bottom Location)
   – 2 Parameter and 8 Main Blocks
■ PROGRAM/ERASE CONTROLLER
   – Embedded Byte Program algorithm
   – Embedded Multi-Block/Chip Erase algorithm
   – Status Register Polling and Toggle Bits
   – Ready/Busy Output Pin
■ ERASE SUSPEND and RESUME MODES
   – Read and Program another Block during Erase Suspend
■ TEMPORARY BLOCK UNPROTECTION MODE
■ UNLOCK BYPASS PROGRAM COMMAND
   – Faster Production/Batch Programming
■ LOW POWER CONSUMPTION
   – Standby and Automatic Standby
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ 20 YEARS DATA RETENTION
   – Defectivity below 1 ppm/year
■ ELECTRONIC SIGNATURE
   – Manufacturer Code: 20h
   – Top Device Code M29W004BT: EAh
   – Bottom Device Code M29W004BB: EBh




Similar Part No. - M29W004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W004 STMICROELECTRONICS-M29W004 Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W004B STMICROELECTRONICS-M29W004B Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W004B-100N1TR STMICROELECTRONICS-M29W004B-100N1TR Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W004B-100N5TR STMICROELECTRONICS-M29W004B-100N5TR Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W004B-100N6TR STMICROELECTRONICS-M29W004B-100N6TR Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
More results


Similar Description - M29W004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
Nov-1999
M29W004T STMICROELECTRONICS-M29W004T Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M29W400BT STMICROELECTRONICS-M29W400BT Datasheet
146Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
18-Apr-2000
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W400BB STMICROELECTRONICS-M29W400BB Datasheet
248Kb / 25P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Jun-2001
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Apr-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com