Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W004 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29W004
Description  4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W004 Datasheet(HTML) 1 Page - STMicroelectronics

  M29W004 Datasheet HTML 1Page - STMicroelectronics M29W004 Datasheet HTML 2Page - STMicroelectronics M29W004 Datasheet HTML 3Page - STMicroelectronics M29W004 Datasheet HTML 4Page - STMicroelectronics M29W004 Datasheet HTML 5Page - STMicroelectronics M29W004 Datasheet HTML 6Page - STMicroelectronics M29W004 Datasheet HTML 7Page - STMicroelectronics M29W004 Datasheet HTML 8Page - STMicroelectronics M29W004 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
March 2000
M29W004BT
M29W004BB
4 Mbit (512Kb x8, Boot Block)
Low Voltage Single Supply Flash Memory
s
SINGLE 2.7 to 3.6V SUPPLY VOLTAGE for
PROGRAM, ERASE and READ OPERATIONS
s
ACCESS TIME: 55ns
s
PROGRAMMING TIME
– 10µs by Byte typical
s
11 MEMORY BLOCKS
– 1 Boot Block (Top or Bottom Location)
– 2 Parameter and 8 Main Blocks
s
PROGRAM/ERASE CONTROLLER
– Embedded Byte Program algorithm
– Embedded Multi-Block/Chip Erase algorithm
– Status Register Polling and Toggle Bits
– Ready/Busy Output Pin
s
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
s
TEMPORARY BLOCK UNPROTECTION
MODE
s
UNLOCK BYPASS PROGRAM COMMAND
– Faster Production/Batch Programming
s
LOW POWER CONSUMPTION
– Standby and Automatic Standby
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
20 YEARS DATA RETENTION
– Defectivity below 1 ppm/year
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Top Device Code M29W004BT: EAh
– Bottom Device Code M29W004BB: EBh
TSOP40 (N)
10 x 20mm
Figure 1. Logic Diagram
AI02954
19
A0-A18
W
DQ0-DQ7
VCC
M29W004BT
M29W004BB
E
VSS
8
G
RP
RB


Similar Part No. - M29W004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W004 STMICROELECTRONICS-M29W004 Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W004B STMICROELECTRONICS-M29W004B Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W004B-100N1TR STMICROELECTRONICS-M29W004B-100N1TR Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W004B-100N5TR STMICROELECTRONICS-M29W004B-100N5TR Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W004B-100N6TR STMICROELECTRONICS-M29W004B-100N6TR Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
More results

Similar Description - M29W004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
Nov-1999
M29W004T STMICROELECTRONICS-M29W004T Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M29W400BT STMICROELECTRONICS-M29W400BT Datasheet
146Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
18-Apr-2000
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W400BB STMICROELECTRONICS-M29W400BB Datasheet
248Kb / 25P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Jun-2001
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Apr-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com