Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W004 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M29W004
Description  4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W004 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M29W004 Datasheet HTML 10Page - STMicroelectronics M29W004 Datasheet HTML 11Page - STMicroelectronics M29W004 Datasheet HTML 12Page - STMicroelectronics M29W004 Datasheet HTML 13Page - STMicroelectronics M29W004 Datasheet HTML 14Page - STMicroelectronics M29W004 Datasheet HTML 15Page - STMicroelectronics M29W004 Datasheet HTML 16Page - STMicroelectronics M29W004 Datasheet HTML 17Page - STMicroelectronics M29W004 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
M29W004BT, M29W004BB
14/20
Figure 8. Write AC Waveforms, Write Enable Controlled
AI02908
E
G
W
A0-A18
DQ0-DQ7
VALID
VALID
VCC
tVCHEL
tWHEH
tWHWL
tELWL
tAVWL
tWHGL
tWLAX
tWHDX
tAVAV
tDVWH
tWLWH
tGHWL
RB
tWHRL
Table 13. Write AC Characteristics, Write Enable Controlled
(TA = 0 to 70°C or –40 to 85°C)
Note: 1. Sampled only, not 100% tested.
Symbol
Alt
Parameter
M29W004B
Unit
55
70
90 / 120
tAVAV
tWC
Address Valid to Next Address Valid
Min
55
70
90
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
Min
0
0
0
ns
tWLWH
tWP
Write Enable Low to Write Enable High
Min
40
45
45
ns
tDVWH
tDS
Input Valid to Write Enable High
Min
25
30
45
ns
tWHDX
tDH
Write Enable High to Input Transition
Min
0
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
Min
0
0
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
Min
30
30
30
ns
tAVWL
tAS
Address Valid to Write Enable Low
Min
0
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
Min
40
45
45
ns
tGHWL
Output Enable High to Write Enable Low
Min
0
0
0
ns
tWHGL
tOEH
Write Enable High to Output Enable Low
Min
0
0
0
ns
tWHRL
(1)
tBUSY
Program/Erase Valid to RB Low
Max
30
30
35
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
Min
50
50
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com