Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR70 Datasheet (PDF) - Semtech Corporation

SR70 Datasheet PDF - Semtech Corporation
Part # SR70
Download  SR70 Download
File Size   153.34 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RailClamp® Low Capacitance TVS Diode Array

SR70 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR70 Datasheet PDF - Semtech Corporation

Part # SR70
Download  SR70 Click to download

File Size   153.34 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RailClamp® Low Capacitance TVS Diode Array

SR70 Datasheet (HTML) - Semtech Corporation


SR70 Product details

Description
RailClamps are surge rated diode arrays designed to protect high speed data interfaces. The SR70 has been specifically designed to protect sensitive components which are connected to data and transmission lines from over-voltages caused by electrostatic discharge (ESD), electrical fast transients (EFT), and lightning. The SR70 has been optimized for use on ADSL and other high-speed interfaces.
The unique design of the SR70 integrates four surge rated, low capacitance steering diodes in a low profile SOT-143 package. It has a typical capacitance of only 5pF and may be used to protect two high-speed lines without sacrificing signal integrity. The SR70 is designed to replace “standard” rectifiers that are not rated for the high energy surges that are normally expected in telecommunications applications.
During transient conditions, the steering diodes direct the transient to either the positive side of the power supply line or to ground. The maximum clamping voltage seen by the protected circuit will be one diode drop (VF) above the supply (reference) voltage. The SR70 may be used as a stand alone device or in conjunction with TVS diodes for enhanced protection.

Features
Transient protection for high speed data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 1kV, 24A (8/20μs)
Array of surge rated, low capacitance diodes
Protects two I/O lines
Low capacitance (5pF typical) for high-speed interfaces
Low clamping voltage
Solid-state silicon-avalanche technology

Applications
ADSL Lines
I2C Bus Protection
Video Line Protection
T1/E1 secondary IC Side Protection
Portable Electronics
Microcontroller Input Protection
WAN/LAN Equipment
ISDN S/T Interface




Similar Part No. - SR70

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR70 PROTEC-SR70 Datasheet
207Kb / 3P
STEERING DIODE ARRAY
SR70 PROTEC-SR70 Datasheet
75Kb / 3P
STEERING DIODE ARRAY
logo
Semtech Corporation
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
RailClamp짰 Low Capacitance TVS Diode Array
logo
Protek Devices
SR70 PROTEC-SR70 Datasheet
407Kb / 5P
ultra low capacitance steering diode array
logo
Micro Commercial Compon...
SR70 MCC-SR70 Datasheet
301Kb / 4P
70 Volts ESD Protector
More results


Similar Description - SR70

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SR05 SEMTECH-SR05 Datasheet
121Kb / 9P
RailClamp Low Capacitance TVS Diode Array
SRDA70-4 SEMTECH-SRDA70-4 Datasheet
219Kb / 6P
RailClamp Low Capacitance TVS Diode Array?
logo
Pan Jit International I...
PJDLLLC05 PANJIT-PJDLLLC05 Datasheet
316Kb / 3P
Low Capacitance TVS Diode Array
logo
Samtec, Inc
SRDA05-4.TBT SAMTEC-SRDA05-4.TBT Datasheet
227Kb / 11P
RAILCLAMP LOW CAPACITANCE TVS DIODE ARRAY
SRV05-4ATCT SAMTEC-SRV05-4ATCT Datasheet
220Kb / 11P
RAILCLAMP LOW CAPACITANCE TVS DIODE ARRAY
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRDA33-4 SEMTECH-SRDA33-4 Datasheet
256Kb / 10P
SRDA3.3-4 THRU SRDA12-4 RAILCLAMP LOW CAPACITANCE TVS DIODE ARRAY
SRDA33-6 SEMTECH-SRDA33-6 Datasheet
235Kb / 10P
SRDA3.3-6 & SRDA05-6 RAILCLAMP LOW CAPACITANCE TVS DIODE ARRAY
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com