Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULI-421C Datasheet (PDF) - Advantech Co., Ltd.

ULI-421C Datasheet PDF - Advantech Co., Ltd.
Part # ULI-421C
Download  ULI-421C Download
File Size   565.23 Kbytes
Page   3 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Industrial USB 2.0 Isolators

ULI-421C Datasheet (PDF)

Go To PDF Page Download Datasheet
ULI-421C Datasheet PDF - Advantech Co., Ltd.

Part # ULI-421C
Download  ULI-421C Click to download

File Size   565.23 Kbytes
Page   3 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Industrial USB 2.0 Isolators

ULI-421C Datasheet (HTML) - Advantech Co., Ltd.


ULI-421C Product details

Features
• 4 kV isolation protection for equipment and data
• ESD protection – 15 kV air, 8 kV contact (by model)
• 12 Mbps full speed
• USB 1.1 or 2.0 (by model)
• High retention USB connector ports
• One or two port models
• USB cable included
• USB bus or external power (by model)
• Panel, DIN rail or in-line installation (by model)




Similar Part No. - ULI-421C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ULI-421C ADVANTECH-ULI-421C Datasheet
527Kb / 3P
Industrial USB 2.0 Isolators
26-May-2022
ULI-421CL ADVANTECH-ULI-421CL Datasheet
527Kb / 3P
Industrial USB 2.0 Isolators
26-May-2022
More results


Similar Description - ULI-421C

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
USB 2.0 A MALE TO USB 2.0 MINI USB
logo
Microchip Technology
USB2640I MICROCHIP-USB2640I Datasheet
663Kb / 59P
Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
02/28/20
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Coolgear Inc.
CG-1600I-RM COOLGEAR-CG-1600I-RM Datasheet
111Kb / 3P
Industrial 16-Port Rack-Mountable USB 2.0 Hub
USB2-8COM-M COOLGEAR-USB2-8COM-M Datasheet
1Mb / 3P
USB USB 2.0 Serial high speed adapter box industrial
Rev 04.220329
USB-COM-M COOLGEAR-USB-COM-M Datasheet
145Kb / 3P
USB 2.0 to Serial High-Speed RS-232 Industrial Adapter
logo
Advantech Co., Ltd.
ULI-414LIB ADVANTECH-ULI-414LIB Datasheet
967Kb / 4P
Industrial USB 2.0 & 3.0 Hubs
22-Jun-2022
logo
Coolgear Inc.
USBG-20XU1 COOLGEAR-USBG-20XU1 Datasheet
123Kb / 2P
USB 2.0 20-Port Industrial High Power Charger Hub 1.1A
logo
Advantech Co., Ltd.
ULI-421CL ADVANTECH-ULI-421CL Datasheet
527Kb / 3P
Industrial USB 2.0 Isolators
26-May-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com