Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP26101 Datasheet (PDF) - Monolithic Power Systems

MP26101 Datasheet PDF - Monolithic Power Systems
Part # MP26101
Download  MP26101 Download
File Size   587.87 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger

MP26101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP26101 Datasheet PDF - Monolithic Power Systems

Part # MP26101
Download  MP26101 Click to download

File Size   587.87 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger

MP26101 Datasheet (HTML) - Monolithic Power Systems


MP26101 Product details

DESCRIPTION
The MP26101 is a monolithic switching charger for 1- or 2-cell Li-Ion battery packs. It has a built-in internal power MOSFET, and can output up to 2A of charge current with current mode control for fast loop response and easy compensation. The charge current can be programmed through an accurate sense resistor.
MP26101 regulates the charge current and charge voltage using two control loops to realize high-accuracy for both constant-current charge and constant-voltage charge.
Fault condition protection includes cycle-by-cycle current limiting and thermal shutdown. Other safety features include battery temperature monitoring, a charge status indicator, and a programmable timer to halt the charging cycle.
The MP26101 requires a minimal number of readily-available external components.
The MP26101 is available in 4mm×4mm 16-pin QFN package.

FEATURES
 Charges 1- or 2-cell Li-Ion battery packs
 4.1V/Cell Charge Full Voltage
 3.9V/Cell Auto-recharge Threshold
 Wide 5V to 24V Operating Input Range
 Up to 2A Programmable Charging Current
 ±0.75% VBATT Accuracy
 0.2Ω Internal Power MOSFET
 Up to 90% Efficiency
 Fixed 1.1MHz Frequency
 Preconditioning for Fully-Depleted Batteries
 Charging Status Indicator
 Input Supply and Battery Fault Indicator
 Thermal Shutdown
 Cycle-by-Cycle Over-Current Protection
 Battery Temperature Monitor and Protection

APPLICATIONS
 Distributed Power Systems
 Chargers for 1-Cell or 2-Cell Li-Ion Batteries
 Smartphones
 Portable DVD Player




Similar Part No. - MP26101

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26101NR MPS-MP26101NR Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
More results


Similar Description - MP26101

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP2618 MPS-MP2618 Datasheet
616Kb / 19P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26123 MPS-MP26123 Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
Monolithic Power System...
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2619 MPS-MP2619 Datasheet
502Kb / 20P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
MP26124 MPS-MP26124 Datasheet
565Kb / 18P
24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
MP2615C MPS-MP2615C Datasheet
1Mb / 22P
2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
Rev. 1.1 6/15/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com