Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C02 Datasheet (PDF) - STMicroelectronics

M34C02 Datasheet PDF - STMicroelectronics
Part # M34C02
Download  M34C02 Download
File Size   147.79 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect

M34C02 Datasheet (PDF)

Go To PDF Page Download Datasheet
M34C02 Datasheet PDF - STMicroelectronics

Part # M34C02
Download  M34C02 Click to download

File Size   147.79 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect

M34C02 Datasheet (HTML) - STMicroelectronics


M34C02 Product details

SUMMARY DESCRIPTION
The M34C02 is a 2 Kbit serial EEPROM memory able to lock permanently the data in its first half (from location 00h to 7Fh). This facility has been designed specifically for use in DRAM DIMMs (dual interline memory modules) with Serial Presence Detect. All the information concerning the DRAM module configuration (such as its access speed, its size, its organization) can be kept write protected in the first half of the memory.

FEATURES SUMMARY
■ Software Data Protection for lower 128 bytes
■ Two Wire I2C Serial Interface
■ 100kHz and 400kHz Transfer Rates
■ Single Supply Voltage:
    – 2.5 to 5.5V up to 400kHz for M34C02-W
    – 2.2 to 5.5V up to 400kHz for M34C02-L
    – 1.8 to 5.5V up to 100kHz for M34C02-R
    – 1.7 to 3.6V up to 100kHz for M34C02-F
■ BYTE and PAGE WRITE (up to 16 bytes)
■ RANDOM and SEQUENTIAL READ Modes
■ Self-Timed Programming Cycle
■ Automatic Address Incrementing
■ Enhanced ESD/Latch-Up Protection
■ More than 1 Million Erase/Write Cycles
■ More than 40 Year Data Retention




Similar Part No. - M34C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02-L STMICROELECTRONICS-M34C02-L Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
M34C02-LDW1G STMICROELECTRONICS-M34C02-LDW1G Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
M34C02-LDW1P STMICROELECTRONICS-M34C02-LDW1P Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
M34C02-LDW1TG STMICROELECTRONICS-M34C02-LDW1TG Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
M34C02-LDW1TP STMICROELECTRONICS-M34C02-LDW1TP Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
More results


Similar Description - M34C02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
STMicroelectronics
M34E02 STMICROELECTRONICS-M34E02 Datasheet
349Kb / 23P
2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
24-Nov-2004
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
STMicroelectronics
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
4-Kbit Serial Presence Detect EEPROM compatible
21-Oct-2015
logo
Seiko Instruments Inc
S-34C04A SII-S-34C04A Datasheet
1Mb / 22P
FOR DIMM SERIAL PRESENCE DETECT
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
2-kb I2C Serial EEPROM, Serial Presence Detect
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com