Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M34C02
Description  2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02 Datasheet(HTML) 1 Page - STMicroelectronics

  M34C02 Datasheet HTML 1Page - STMicroelectronics M34C02 Datasheet HTML 2Page - STMicroelectronics M34C02 Datasheet HTML 3Page - STMicroelectronics M34C02 Datasheet HTML 4Page - STMicroelectronics M34C02 Datasheet HTML 5Page - STMicroelectronics M34C02 Datasheet HTML 6Page - STMicroelectronics M34C02 Datasheet HTML 7Page - STMicroelectronics M34C02 Datasheet HTML 8Page - STMicroelectronics M34C02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
December 1999
M34C02
2 Kbit Serial I²C Bus EEPROM
For DIMM Serial Presence Detect
PSDIP8 (BN)
0.25 mm frame
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
8
1
8
1
8
1
s
Two Wire I2C Serial Interface
Supports 400 kHz Protocol
s
Single Supply Voltage:
– 2.5V to 5.5V for M34C02-W
– 2.2V to 5.5V for M34C02-L
s
Software Data Protection for lower 128 bytes
s
BYTE and PAGE WRITE (up to 16 bytes)
s
RANDOM and SEQUENTIAL READ Modes
s
Self-Timed Programming Cycle
s
Automatic Address Incrementing
s
Enhanced ESD/Latch-Up Protection
s
1 Million Erase/Write Cycles (minimum)
s
40 Year Data Retention (minimum)
DESCRIPTION
The M34C02 is a 2 Kbit serial EEPROM memory
able to lock permanently the data in its first half
(from location 00h to 7Fh). This facility has been
designed specifically for use in DRAM DIMMs
(dual interline memory modules) with Serial
Presence Detect. All the information concerning
the DRAM module configuration (such as its
access speed, its size, its organization) can be
kept write protected in the first half of the memory.
This bottom half of the memory area can be write-
protected using a specially designed software
write protection mechanism. By sending the
device a specific sequence, the first 128 bytes of
Figure 1. Logic Diagram
AI01931
3
E0-E2
SDA
VCC
M34C02
WC
SCL
VSS
Table 1. Signal Names
E0, E1, E2
Chip Enable Inputs
SDA
Serial Data/Address Input/
Output
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground


Similar Part No. - M34C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02-L STMICROELECTRONICS-M34C02-L Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
M34C02-LDW1G STMICROELECTRONICS-M34C02-LDW1G Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
M34C02-LDW1P STMICROELECTRONICS-M34C02-LDW1P Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
M34C02-LDW1TG STMICROELECTRONICS-M34C02-LDW1TG Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
M34C02-LDW1TP STMICROELECTRONICS-M34C02-LDW1TP Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
More results

Similar Description - M34C02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
STMicroelectronics
M34E02 STMICROELECTRONICS-M34E02 Datasheet
349Kb / 23P
2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
24-Nov-2004
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
STMicroelectronics
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
4-Kbit Serial Presence Detect EEPROM compatible
21-Oct-2015
logo
Seiko Instruments Inc
S-34C04A SII-S-34C04A Datasheet
1Mb / 22P
FOR DIMM SERIAL PRESENCE DETECT
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
2-kb I2C Serial EEPROM, Serial Presence Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com