Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C02 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M34C02
Description  2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M34C02 Datasheet HTML 10Page - STMicroelectronics M34C02 Datasheet HTML 11Page - STMicroelectronics M34C02 Datasheet HTML 12Page - STMicroelectronics M34C02 Datasheet HTML 13Page - STMicroelectronics M34C02 Datasheet HTML 14Page - STMicroelectronics M34C02 Datasheet HTML 15Page - STMicroelectronics M34C02 Datasheet HTML 16Page - STMicroelectronics M34C02 Datasheet HTML 17Page - STMicroelectronics M34C02 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
M34C02
14/19
Table 10. Ordering Information Scheme
Note: 1. Package-type available only on request.
Example:
M34C02
–W
MN
6
T
Operating Voltage
Option
W
2.5 V to 5.5 V
T
Tape and Reel Packing
L
2.2 V to 5.5 V
Package
Temperature Range
BN1
PSDIP8 (0.25 mm
frame)
6
–40 °C to 85 °C
MN
SO8 (150 mil width)
DW
TSSOP8 (169 mil width)
The notation used for the device number is as
shown in Table 10. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact your
nearest ST Sales Office.
ORDERING INFORMATION
Devices are shipped from the factory with the
memory content set at all ‘1’s (FFh), and the
Protection Register set at all ‘0’s (00h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com