Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C02 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M34C02
Description  2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M34C02 Datasheet HTML 8Page - STMicroelectronics M34C02 Datasheet HTML 9Page - STMicroelectronics M34C02 Datasheet HTML 10Page - STMicroelectronics M34C02 Datasheet HTML 11Page - STMicroelectronics M34C02 Datasheet HTML 12Page - STMicroelectronics M34C02 Datasheet HTML 13Page - STMicroelectronics M34C02 Datasheet HTML 14Page - STMicroelectronics M34C02 Datasheet HTML 15Page - STMicroelectronics M34C02 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
M34C02
12/19
Table 9. AC Characteristics
Note: 1. For a reSTART condition, or following a write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
Symbol
Alt.
Parameter
M34C02-W
M34C02-L
Unit
VCC=2.5 to 5.5V
TA = –40 to 85°C
VCC=2.2 to 5.5V
TA = –40 to 85°C
Min
Max
Min
Max
tCH1CH2
tR
Clock Rise Time
300
300
ns
tCL1CL2
tF
Clock Fall Time
300
300
ns
tDH1DH2 2
tR
SDA Rise Time
20
300
20
300
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
20
300
ns
tCHDX 1
tSU:STA
Clock High to Input Transition
600
600
ns
tCHCL
tHIGH
Clock Pulse Width High
600
600
ns
tDLCL
tHD:STA
Input Low to Clock Low (START)
600
600
ns
tCLDX
tHD:DAT
Clock Low to Input Transition
0
0
µs
tCLCH
tLOW
Clock Pulse Width Low
1.3
1.3
µs
tDXCX
tSU:DAT
Input Transition to Clock Transition
100
100
ns
tCHDH
tSU:STO
Clock High to Input High (STOP)
600
600
ns
tDHDL
tBUF
Input High to Input Low (Bus Free)
1.3
1.3
µs
tCLQV 3
tAA
Clock Low to Data Out Valid
200
900
200
900
ns
tCLQX
tDH
Data Out Hold Time After Clock Low
200
200
ns
fC
fSCL
Clock Frequency
400
400
kHz
tW
tWR
Write Time
10
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com