Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C02 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M34C02
Description  2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M34C02 Datasheet HTML 7Page - STMicroelectronics M34C02 Datasheet HTML 8Page - STMicroelectronics M34C02 Datasheet HTML 9Page - STMicroelectronics M34C02 Datasheet HTML 10Page - STMicroelectronics M34C02 Datasheet HTML 11Page - STMicroelectronics M34C02 Datasheet HTML 12Page - STMicroelectronics M34C02 Datasheet HTML 13Page - STMicroelectronics M34C02 Datasheet HTML 14Page - STMicroelectronics M34C02 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
M34C02
Table 6. DC Characteristics
(TA = –40 to 85 °C; VCC = 2.5 to 5.5 V, 2.2 to 5.5 V)
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage
Current
SCL, SDA
0 V
≤ VIN ≤ VCC
± 2
µA
ILO
Output Leakage Current
0 V
≤ VOUT ≤ VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
-W or -L series
VCC =5V, fc=400kHz (rise/fall time < 30ns)
2mA
-W series VCC =2.5V, fc=400kHz (rise/fall time < 30ns)
1mA
-L series VCC =2.2V, fc=400kHz (rise/fall time < 30ns)
1mA
ICC1
Supply Current
(Stand-by)
-W or -L series
VIN = VSS or VCC , VCC = 5 V
1
µA
-W series
VIN = VSS or VCC , VCC = 2.5 V
0.5
µA
-L series
VIN = VSS or VCC , VCC = 2.2 V
0.5
µA
VIL
Input Low
Voltage
SCL, SDA
– 0.3
0.3VCC
V
E0, E1, E2
– 0.3
0.3VCC
V
WC
– 0.3
0.5
V
VIH
Input High
Voltage
SCL, SDA
0.7VCC
VCC+1
V
E0, E1, E2
0.7VCC
VCC+1
V
WC
0.7VCC
VCC+1
V
VOL
Output Low
Voltage
-W or -L series
IOL = 3 mA, VCC = 5 V
0.4
V
-W series
IOL = 2.1 mA, VCC = 2.5 V
0.4
V
-L series
IOL = 2.1 mA, VCC = 2.2 V
0.4
V
Table 7. AC Measurement Conditions
Input Rise and Fall Times
≤ 50 ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing
Reference Voltages
0.3VCC to 0.7VCC
Table 8. Input Parameters 1(TA = 25 °C, f = 400 kHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZWCL
WC Input Impedance
VIN < 0.5 V
5
20
k
ZWCH
WC Input Impedance
VIN > 0.7VCC
500
k
tNS
Low Pass Filter Input Time
Constant (SCL and SDA)
100
500
ns
Figure 11. AC Testing Input Output Waveforms
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com