Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3311 Datasheet (PDF) - Infinite Electronics International, Inc.

SM3311 Datasheet PDF - Infinite Electronics International, Inc.
Part # SM3311
Download  SM3311 Download
File Size   626.69 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 3.5mm Female to 3.5mm Female 4 Hole Flange Adapter Threaded Through Holes

SM3311 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM3311 Datasheet PDF - Infinite Electronics International, Inc.

Part # SM3311
Download  SM3311 Click to download

File Size   626.69 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 3.5mm Female to 3.5mm Female 4 Hole Flange Adapter Threaded Through Holes

SM3311 Datasheet (HTML) - Infinite Electronics International, Inc.


SM3311 Product details

Features
• VSWR of 1.3:1 max
• up to 34 GHz
• Contact plating according
• to MIL-G-45204
• Gold over Nickel Plated
• Beryllium Copper Contact
• Applications:
• General Purpose Test
• Rack Mounted Equipment
• SM3311
• DATA SHEET




Similar Part No. - SM3311

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM3310 FAIRVIEW-SM3310 Datasheet
526Kb / 4P
3.5mm Female to 3.5mm Female Adapter
REV 3.3
SM3312 FAIRVIEW-SM3312 Datasheet
682Kb / 4P
3.5mm Female to 3.5mm Female Bulkhead Adapter
REV 7.3A
SM3313 FAIRVIEW-SM3313 Datasheet
609Kb / 3P
3.5mm Female to 3.5mm Female 4 Hole Flange Adapter Clearance Through Holes
REV 8.3
logo
Sinopower Semiconductor...
SM3313NSQA SINOPWER-SM3313NSQA Datasheet
272Kb / 12P
N-Channel Enhancement Mode MOSFET
SM3313NSQAC-TRG SINOPWER-SM3313NSQAC-TRG Datasheet
272Kb / 12P
N-Channel Enhancement Mode MOSFET
More results


Similar Description - SM3311

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9323 PASTERNACK-PE9323 Datasheet
241Kb / 2P
Precision 3.5mm Female to N Female Adapter
PE9331 PASTERNACK-PE9331 Datasheet
84Kb / 1P
3.5mm FEMALE TO 3.5mm FEMALE PRECISION ADAPTER
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
Precision 3.5mm Female to 2.92mm Female Adapter
PE9676 PASTERNACK-PE9676 Datasheet
255Kb / 3P
Precision 3.5mm Female to 3.5mm Female 4 Hole Flange Adapter
PE9677 PASTERNACK-PE9677 Datasheet
254Kb / 3P
Precision 3.5mm Male to 3.5mm Female Bulkhead Adapter
PE9678 PASTERNACK-PE9678 Datasheet
262Kb / 3P
Precision 3.5mm Female to 3.5mm Female Bulkhead Adapter
PE9725 PASTERNACK-PE9725 Datasheet
252Kb / 3P
Precision SMA Female to 3.5mm Female Adapter
PE9748 PASTERNACK-PE9748 Datasheet
244Kb / 2P
Precision 3.5mm Female to 1.85mm Female Adapter
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com