Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9331 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9331 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9331
Download  PE9331 Download
File Size   84.28 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 3.5mm FEMALE TO 3.5mm FEMALE PRECISION ADAPTER

PE9331 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9331 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9331
Download  PE9331 Click to download

File Size   84.28 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 3.5mm FEMALE TO 3.5mm FEMALE PRECISION ADAPTER

PE9331 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9331 Product details

Description
Pasternack’s PE9331 3.5mm female to 3.5mm female adapter is part of our full line of RF components available for sameday shipping. The 3.5mm connector mates mechanically with commercially available SMA and 2.92mm (K) connectors. Our 3.5mm to 3.5mm adapter has a female to female gender configuration. PE9331 3.5mm female to 3.5mm female adapter operates to 34.5 GHz. The Pasternack RF adapter provides excellent VSWR of 1.25:1 maximum.

Configuration
• 3.5mm Female Connector 1
• 3.5mm Female Connector 2
• 50 Ohms
• Straight Body Geometry

Features
• Max VSWR of 1.25:1 up to 34.5 GHz
• Gold over Nickel Plated Beryllium Copper Contact
• Contact Plating per MIL-G-45204

Applications
• General Purpose Test




Similar Part No. - PE9331

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9330 PASTERNACK-PE9330 Datasheet
256Kb / 3P
Precision 3.5mm Male to 3.5mm Male Adapter
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
SSMA Male to SSMA Female Right Angle Adapter
PE9335 PASTERNACK-PE9335 Datasheet
232Kb / 2P
MHV Male to SHV Jack Adapter
PE9336 PASTERNACK-PE9336 Datasheet
243Kb / 2P
Hermetically Sealed SHV Jack to SHV Jack Bulkhead Adapter
More results


Similar Description - PE9331

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9323 PASTERNACK-PE9323 Datasheet
241Kb / 2P
Precision 3.5mm Female to N Female Adapter
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9652 PASTERNACK-PE9652 Datasheet
235Kb / 2P
Precision 3.5mm Female to 2.4mm Female Adapter
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
Precision 3.5mm Female to 2.92mm Female Adapter
PE9676 PASTERNACK-PE9676 Datasheet
255Kb / 3P
Precision 3.5mm Female to 3.5mm Female 4 Hole Flange Adapter
PE9677 PASTERNACK-PE9677 Datasheet
254Kb / 3P
Precision 3.5mm Male to 3.5mm Female Bulkhead Adapter
PE9678 PASTERNACK-PE9678 Datasheet
262Kb / 3P
Precision 3.5mm Female to 3.5mm Female Bulkhead Adapter
PE9725 PASTERNACK-PE9725 Datasheet
252Kb / 3P
Precision SMA Female to 3.5mm Female Adapter
PE9748 PASTERNACK-PE9748 Datasheet
244Kb / 2P
Precision 3.5mm Female to 1.85mm Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com