Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9652 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9652 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9652
Download  PE9652 Download
File Size   235.54 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 3.5mm Female to 2.4mm Female Adapter

PE9652 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9652 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9652
Download  PE9652 Click to download

File Size   235.54 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 3.5mm Female to 2.4mm Female Adapter

PE9652 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9652

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9651 PASTERNACK-PE9651 Datasheet
239Kb / 2P
Precision 3.5mm Male to 2.4mm Female Adapter
PE9653 PASTERNACK-PE9653 Datasheet
255Kb / 3P
Precision SMA Male to 2.4mm Male Adapter
PE9654 PASTERNACK-PE9654 Datasheet
239Kb / 2P
Precision SMA Male to 2.4mm Female Adapter
PE9655 PASTERNACK-PE9655 Datasheet
253Kb / 3P
Precision SMA Female to 2.4mm Male Adapter
More results


Similar Description - PE9652

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9331 PASTERNACK-PE9331 Datasheet
84Kb / 1P
3.5mm FEMALE TO 3.5mm FEMALE PRECISION ADAPTER
PE9453 PASTERNACK-PE9453 Datasheet
238Kb / 3P
Precision 2.4mm Female to 2.4mm Female Adapter
PE9640 PASTERNACK-PE9640 Datasheet
248Kb / 3P
Precision Bulkhead 2.4mm Female to 2.4mm Female Adapter
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9651 PASTERNACK-PE9651 Datasheet
239Kb / 2P
Precision 3.5mm Male to 2.4mm Female Adapter
PE9678 PASTERNACK-PE9678 Datasheet
262Kb / 3P
Precision 3.5mm Female to 3.5mm Female Bulkhead Adapter
PE91148 PASTERNACK-PE91148 Datasheet
361Kb / 3P
Ruggedized 3.5mm NMD Female to 2.4mm Female Adapter
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
3.5mm Female to 2.4mm Male Adapter
PE91293 PASTERNACK-PE91293 Datasheet
342Kb / 3P
3.5mm Male to 2.4mm Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com