Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE91148 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE91148 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE91148
Download  PE91148 Download
File Size   361.6 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Ruggedized 3.5mm NMD Female to 2.4mm Female Adapter

PE91148 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE91148 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE91148
Download  PE91148 Click to download

File Size   361.6 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Ruggedized 3.5mm NMD Female to 2.4mm Female Adapter

PE91148 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE91148

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9114 PASTERNACK-PE9114 Datasheet
249Kb / 3P
UHF Female to UHF Female Bulkhead Adapter
PE91140 PASTERNACK-PE91140 Datasheet
356Kb / 4P
Low PIM N Female to N Female Adapter With Body Flats
PE91141 PASTERNACK-PE91141 Datasheet
353Kb / 3P
N Female to N Female Adapter With Body Flats
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
PE91145 PASTERNACK-PE91145 Datasheet
359Kb / 3P
Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
More results


Similar Description - PE91148

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9651 PASTERNACK-PE9651 Datasheet
239Kb / 2P
Precision 3.5mm Male to 2.4mm Female Adapter
PE9652 PASTERNACK-PE9652 Datasheet
235Kb / 2P
Precision 3.5mm Female to 2.4mm Female Adapter
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
PE91145 PASTERNACK-PE91145 Datasheet
359Kb / 3P
Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
3.5mm Female to 2.4mm Male Adapter
PE91293 PASTERNACK-PE91293 Datasheet
342Kb / 3P
3.5mm Male to 2.4mm Female Adapter
PE91146 PASTERNACK-PE91146 Datasheet
345Kb / 3P
Ruggedized 2.4mm NMD Female to SMA Female Adapter
PE91147 PASTERNACK-PE91147 Datasheet
346Kb / 3P
Ruggedized 3.5mm NMD Female to SMA Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com