Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9330 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9330 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9330
Download  PE9330 Download
File Size   256.34 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 3.5mm Male to 3.5mm Male Adapter

PE9330 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9330 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9330
Download  PE9330 Click to download

File Size   256.34 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 3.5mm Male to 3.5mm Male Adapter

PE9330 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9330 Product details

Description
Pasternack’s PE9330 3.5mm male to 3.5mm male adapter is part of our full line of RF components available for sameday shipping. The 3.5mm connector mates mechanically with commercially available SMA and 2.92mm (K) connectors. Our 3.5mm to 3.5mm adapter has a male to male gender configuration built of durable stainless steel. PE9330 3.5mm male to 3.5mm male adapter operates to 34.5 GHz. The Pasternack RF adapter provides excellent VSWR of 1.25:1 maximum.

Configuration
• 3.5mm Male Connector 1
• 3.5mm Male Connector 2
• 50 Ohms
• Straight Body Geometry

Features
• Max VSWR of 1.25:1 up to 34.5 GHz
• Gold over Nickel Plated Beryllium Copper Contact
• Contact Plating per MIL-G-45204

Applications
• General Purpose Test




Similar Part No. - PE9330

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9331 PASTERNACK-PE9331 Datasheet
84Kb / 1P
3.5mm FEMALE TO 3.5mm FEMALE PRECISION ADAPTER
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
SSMA Male to SSMA Female Right Angle Adapter
PE9335 PASTERNACK-PE9335 Datasheet
232Kb / 2P
MHV Male to SHV Jack Adapter
PE9336 PASTERNACK-PE9336 Datasheet
243Kb / 2P
Hermetically Sealed SHV Jack to SHV Jack Bulkhead Adapter
More results


Similar Description - PE9330

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9322 PASTERNACK-PE9322 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Male Adapter
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9649 PASTERNACK-PE9649 Datasheet
238Kb / 2P
Precision 3.5mm Male to 2.4mm Male Adapter
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9651 PASTERNACK-PE9651 Datasheet
239Kb / 2P
Precision 3.5mm Male to 2.4mm Female Adapter
PE9657 PASTERNACK-PE9657 Datasheet
237Kb / 2P
Precision 3.5mm Male to 2.92mm Male Adapter
PE9677 PASTERNACK-PE9677 Datasheet
254Kb / 3P
Precision 3.5mm Male to 3.5mm Female Bulkhead Adapter
PE9679 PASTERNACK-PE9679 Datasheet
244Kb / 2P
Precision 3.5mm Male to 3.5mm Male Bulkhead Adapter
PE9722 PASTERNACK-PE9722 Datasheet
240Kb / 2P
Precision SMA Male to 3.5mm Male Adapter
PE9746 PASTERNACK-PE9746 Datasheet
84Kb / 1P
3.5mm MALE TO 1.85mm MALE PRECISION ADAPTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com