Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9322 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9322 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9322
Download  PE9322 Download
File Size   256.91 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 3.5mm Male to N Male Adapter

PE9322 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9322 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9322
Download  PE9322 Click to download

File Size   256.91 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 3.5mm Male to N Male Adapter

PE9322 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9322 Product details

Description
Pasternack’s PE9322 precision 3.5mm male to type N male adapter is part of our full line of RF components available for same-day shipping. The 3.5mm connector mates mechanically with commercially available SMA and 2.92mm (K) connectors. Our 3.5mm to type N adapter has a male to male gender configuration built of durable stainless steel in a precision design. PE9322 3.5mm male to type N male adapter operates to 18 GHz. The Pasternack RF adapter provides excellent VSWR of 1.15:1 maximum.

Configuration
• 3.5mm Male Connector 1
• N Male Connector 2
• 50 Ohms
• Precision Design
• Straight Body Geometry

Features
• Max VSWR of 1.15:1 up to 18 GHz
• Gold over Nickel Plated Beryllium Copper Contact
• Contact Plating per MIL-G-45204

Applications
• Allows Connection Between Series
• General Purpose Test
• Precision Test & Measurement




Similar Part No. - PE9322

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9320 PASTERNACK-PE9320 Datasheet
247Kb / 2P
N Female to SMC Plug Adapter
logo
Pletronics, Inc.
PE9320DEV PLETRONICS-PE9320DEV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
PE9320DV PLETRONICS-PE9320DV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9321 PASTERNACK-PE9321 Datasheet
242Kb / 2P
Precision 3.5mm Female to N Male Adapter
PE9323 PASTERNACK-PE9323 Datasheet
241Kb / 2P
Precision 3.5mm Female to N Female Adapter
More results


Similar Description - PE9322

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9321 PASTERNACK-PE9321 Datasheet
242Kb / 2P
Precision 3.5mm Female to N Male Adapter
PE9324 PASTERNACK-PE9324 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Female Adapter
PE9330 PASTERNACK-PE9330 Datasheet
256Kb / 3P
Precision 3.5mm Male to 3.5mm Male Adapter
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9649 PASTERNACK-PE9649 Datasheet
238Kb / 2P
Precision 3.5mm Male to 2.4mm Male Adapter
PE9657 PASTERNACK-PE9657 Datasheet
237Kb / 2P
Precision 3.5mm Male to 2.92mm Male Adapter
PE9677 PASTERNACK-PE9677 Datasheet
254Kb / 3P
Precision 3.5mm Male to 3.5mm Female Bulkhead Adapter
PE9679 PASTERNACK-PE9679 Datasheet
244Kb / 2P
Precision 3.5mm Male to 3.5mm Male Bulkhead Adapter
PE9722 PASTERNACK-PE9722 Datasheet
240Kb / 2P
Precision SMA Male to 3.5mm Male Adapter
PE9746 PASTERNACK-PE9746 Datasheet
84Kb / 1P
3.5mm MALE TO 1.85mm MALE PRECISION ADAPTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com