Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9320 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9320 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9320
Download  PE9320 Download
File Size   247.48 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Female to SMC Plug Adapter

PE9320 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9320 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9320
Download  PE9320 Click to download

File Size   247.48 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Female to SMC Plug Adapter

PE9320 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9320 Product details

Configuration
   Connector 1          N Female
   Impedance 1         50 Ohms
   Connector 2          SMC Plug
   Impedance 2         50 Ohms
   Adapter Design     Standard
   Body Style             Straight




Similar Part No. - PE9320

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE9320DEV PLETRONICS-PE9320DEV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
PE9320DV PLETRONICS-PE9320DV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
More results


Similar Description - PE9320

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9141 PASTERNACK-PE9141 Datasheet
251Kb / 3P
SMC Plug to BNC Female Adapter
PE9146 PASTERNACK-PE9146 Datasheet
232Kb / 2P
SMA Female to SMC Plug Adapter
PE9318 PASTERNACK-PE9318 Datasheet
248Kb / 2P
N Male to SMC Plug Adapter
PE9589 PASTERNACK-PE9589 Datasheet
252Kb / 2P
75 Ohm N Female to SMC Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9141 PASTERNACK-PE9141 Datasheet
251Kb / 3P
SMC Plug to BNC Female Adapter
PE9272 PASTERNACK-PE9272 Datasheet
233Kb / 3P
75 Ohm SMC Plug to SMC Plug Adapter
PE9587 PASTERNACK-PE9587 Datasheet
253Kb / 2P
75 Ohm N Female to SMC Jack Adapter
logo
Amphenol Corporation
242177 AMPHENOL-242177 Datasheet
52Kb / 1P
SMA PLUG TO SMC PLUG ADAPTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com