Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9318 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9318 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9318
Download  PE9318 Download
File Size   248.3 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Male to SMC Plug Adapter

PE9318 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9318 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9318
Download  PE9318 Click to download

File Size   248.3 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Male to SMC Plug Adapter

PE9318 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9318 Product details

Configuration
   Connector 1            N Male
   Impedance 1          50 Ohms
   Connector 2           SMC Plug
   Impedance 2          50 Ohms
   Adapter Design      Standard
   Body Style              Straight




Similar Part No. - PE9318

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9310 PASTERNACK-PE9310 Datasheet
258Kb / 3P
SMB Tee Adapter Plug-Plug-Plug
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
logo
Pasternack Enterprises,...
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
N Male to N Female Adapter
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311-EK PEREGRINE-PE9311-EK Datasheet
178Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
More results


Similar Description - PE9318

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9139 PASTERNACK-PE9139 Datasheet
252Kb / 3P
SMC Plug to BNC Male Adapter
PE9148 PASTERNACK-PE9148 Datasheet
245Kb / 3P
SMA Male to SMC Plug Adapter
PE9281 PASTERNACK-PE9281 Datasheet
238Kb / 2P
SMC Plug to SMB Plug Adapter
PE9317 PASTERNACK-PE9317 Datasheet
247Kb / 2P
N Male to SMC Jack Adapter
PE9320 PASTERNACK-PE9320 Datasheet
247Kb / 2P
N Female to SMC Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
SMC Plug to SMC Plug Adapter
PE9272 PASTERNACK-PE9272 Datasheet
233Kb / 3P
75 Ohm SMC Plug to SMC Plug Adapter
logo
Amphenol Corporation
242177 AMPHENOL-242177 Datasheet
52Kb / 1P
SMA PLUG TO SMC PLUG ADAPTER
logo
Huber+Suhner, Inc.
32_SMC-50-0-1111_N HUBERSUHNER-32_SMC-50-0-1111_N Datasheet
506Kb / 2P
COAXIAL ADAPTER, SMC, 50 Ohm, plug / plug (male / male)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com