Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232 Datasheet (PDF) - STMicroelectronics

M36DR232 Datasheet PDF - STMicroelectronics
Part # M36DR232
Download  M36DR232 Download
File Size   329.0 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product

M36DR232 Datasheet (PDF)

Go To PDF Page Download Datasheet
M36DR232 Datasheet PDF - STMicroelectronics

Part # M36DR232
Download  M36DR232 Click to download

File Size   329.0 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product

M36DR232 Datasheet (HTML) - STMicroelectronics


M36DR232 Product details

Features
■ SUPPLY VOLTAGE
■ VDDF = VDDS =1.65V to 2.2V
■ VPPF = 12V for Fast Program (optional)
■ ACCESS TIME: 100,120ns
■ LOW POWER CONSUMPTION
■ ELECTRONIC SIGNATURE
■ Manufacturer Code: 20h
■ Top Device Code, M36DR232A: 00A0h
■ Bottom Device Code, M36DR232B: 00A1h FLASH MEMORY
■ 32 Mbit (2Mb x16) BOOT BLOCK
■ Parameter Blocks (Top or Bottom Location)
■ PROGRAMMING TIME
■ 10µs typical
■ Double Word Programming Option
■ ASYNCRONOUS PAGE MODE READ
■ Page width: 4 Word
■ Page Mode Access Time: 35ns
■ DUAL BANK OPERATION
■ Read within one Bank while Program or
■ Erase within the other
■ No Delay between Read and Write Operations
■ BLOCK PROTECTION ON ALL BLOCKS
■ WPF for Block Locking
■ COMMON FLASH INTERFACE
■ 64 bit Security Code SRAM
■ 2 Mbit (128K x 16 bit)
■ LOW VDDS DATA RETENTION: 1V
■ POWER DOWN FEATURES USING TWO CHIP ENABLE INPUTS




Similar Part No. - M36DR232

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36DR432-ZAT STMICROELECTRONICS-M36DR432-ZAT Datasheet
328Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432-ZAT STMICROELECTRONICS-M36DR432-ZAT Datasheet
330Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432A100ZA6C STMICROELECTRONICS-M36DR432A100ZA6C Datasheet
328Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432A100ZA6T STMICROELECTRONICS-M36DR432A100ZA6T Datasheet
328Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
More results


Similar Description - M36DR232

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432AD STMICROELECTRONICS-M36DR432AD Datasheet
834Kb / 52P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
28-Feb-2003
M36DR432C STMICROELECTRONICS-M36DR432C Datasheet
330Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36W216TI STMICROELECTRONICS-M36W216TI Datasheet
434Kb / 62P
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M36W432T STMICROELECTRONICS-M36W432T Datasheet
418Kb / 57P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
11-Feb-2002
M36W432TG STMICROELECTRONICS-M36W432TG Datasheet
439Kb / 66P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M36W832TE STMICROELECTRONICS-M36W832TE Datasheet
897Kb / 64P
32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
26-May-2003
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
10-Jul-2002
M59DR032A STMICROELECTRONICS-M59DR032A Datasheet
270Kb / 38P
32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
17-Dec-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com