Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M36DR232
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232 Datasheet(HTML) 2 Page - STMicroelectronics

  M36DR232 Datasheet HTML 1Page - STMicroelectronics M36DR232 Datasheet HTML 2Page - STMicroelectronics M36DR232 Datasheet HTML 3Page - STMicroelectronics M36DR232 Datasheet HTML 4Page - STMicroelectronics M36DR232 Datasheet HTML 5Page - STMicroelectronics M36DR232 Datasheet HTML 6Page - STMicroelectronics M36DR232 Datasheet HTML 7Page - STMicroelectronics M36DR232 Datasheet HTML 8Page - STMicroelectronics M36DR232 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
M36D232A, M36DR232B
2/46
DESCRIPTION
The M36DR232 is a multichip memory device con-
taining a 32 Mbit boot block Flash memory and a
4Mbit of SRAM. Thedeviceis offered in aStacked
LFBGA66 (0.8 mm pitch) package.
The two components are distinguished by use with
three chip enable inputs: EF for the Flash memory
and, E1S and E2S for the SRAM. The two compo-
nents are also separately power supplied and
grounded.
Figure 2. Logic Diagram
Table 1. Signal Names
AI05440
21
A0-A20
EF
DQ0-DQ15
M36DR232A
M36DR232B
GF
VSSF
16
WF
RPF
WPF
E1S
E2S
GS
WS
UBS
LBS
VSSS
VDDF VPPF VDDS
A0-A16
Address Inputs
A17-A20
Address Inputs for Flash Chip only
DQ0-DQ15
Data Input/Output
VDDF
Flash Power Supply
VPPF
Flash Optional Supply Voltage for Fast
Program & Erase
VSSF
Flash Ground
VDDS
SRAM Power Supply
VSSS
SRAM Ground
NC
Not Connected Internally
Flash control functions
EF
Chip Enable input
GF
Output Enable input
WF
Write Enable input
RPF
Reset input
WPF
Write Protect input
SRAM control functions
E1S, E2S
Chip Enable input
GS
Output Enable input
WS
Write Enable input
UBS
Upper Byte Enable input
LBS
Lower Byte Enable input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com