Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232 Datasheet(PDF) 29 Page - STMicroelectronics

Part # M36DR232
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M36DR232 Datasheet HTML 25Page - STMicroelectronics M36DR232 Datasheet HTML 26Page - STMicroelectronics M36DR232 Datasheet HTML 27Page - STMicroelectronics M36DR232 Datasheet HTML 28Page - STMicroelectronics M36DR232 Datasheet HTML 29Page - STMicroelectronics M36DR232 Datasheet HTML 30Page - STMicroelectronics M36DR232 Datasheet HTML 31Page - STMicroelectronics M36DR232 Datasheet HTML 32Page - STMicroelectronics M36DR232 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
29/46
M36D232A, M36DR232B
Table 27. Flash Write AC Characteristics, Chip Enable Controlled
(TA = –40 to 85 °C; VDDF = 1.65V to 2.2V)
Figure 10. Flash Write AC Waveforms, EF Controlled
Note: Address are latched on the falling edge of EF, Datais latched on therisingedgeof EF.
Symbol
Alt
Parameter
Flash
Unit
100
120
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
100
120
ns
tAVEL
tAS
Address Valid to Chip Enable Low
0
0
ns
tDVEH
tDS
Input Valid to Chip Enable High
50
50
ns
tEHDX
tDH
Chip Enable High to Input Transition
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
30
30
ns
tEHGL
tOEH
Chip Enable High to Output Enable Low
30
30
ns
tEHWH
tWH
Chip Enable High to Write Enable High
0
0
ns
tELAX
tAH
Chip Enable Low to Address Transition
50
50
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
50
50
ns
tGHEL
Output Enable High Chip Enable Low
0
0
ns
tPLQ7V
RPF Low to Reset Complete During Program/Erase
15
15
µs
tVDHWL
tVCS
VCCF High to Write Enable Low
50
50
µs
tWLEL
tWS
Write Enable Low to Chip Enable Low
0
0
ns
AI90211
EF
GF
WF
A0-A20
DQ0-DQ15
VALID
VALID
VDDF
tVDHWL
tEHWH
tEHEL
tWLEL
tAVEL
tEHGL
tELAX
tEHDX
tAVAV
tDVEH
tELEH
tGHEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com