Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232 Datasheet(PDF) 36 Page - STMicroelectronics

Part # M36DR232
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M36DR232 Datasheet HTML 32Page - STMicroelectronics M36DR232 Datasheet HTML 33Page - STMicroelectronics M36DR232 Datasheet HTML 34Page - STMicroelectronics M36DR232 Datasheet HTML 35Page - STMicroelectronics M36DR232 Datasheet HTML 36Page - STMicroelectronics M36DR232 Datasheet HTML 37Page - STMicroelectronics M36DR232 Datasheet HTML 38Page - STMicroelectronics M36DR232 Datasheet HTML 39Page - STMicroelectronics M36DR232 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
M36D232A, M36DR232B
36/46
Figure 17. SRAM Read AC Waveforms, E1S,E2S or GS Controlled
Note: Write Enable (WS)= High.
Figure 18. SRAM Standby AC Waveforms
AI04132
tAVAV
tAVQV
tAXQX
tE1LQV
tE1LQX
tE1HQZ
tGLQV
tGLQX
tGHQZ
DATA VALID
A0-A16
E1S
GS
DQ0-DQ15
tE2HQV
tE2HQX
VALID
tE2LQZ
E2S
tBLQV
tBLQX
tBHQZ
UBS, LBS
AI90219
tPD
E2S
IDD
tPU
50%
E1S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com