Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M36DR232
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M36DR232 Datasheet HTML 13Page - STMicroelectronics M36DR232 Datasheet HTML 14Page - STMicroelectronics M36DR232 Datasheet HTML 15Page - STMicroelectronics M36DR232 Datasheet HTML 16Page - STMicroelectronics M36DR232 Datasheet HTML 17Page - STMicroelectronics M36DR232 Datasheet HTML 18Page - STMicroelectronics M36DR232 Datasheet HTML 19Page - STMicroelectronics M36DR232 Datasheet HTML 20Page - STMicroelectronics M36DR232 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
17/46
M36D232A, M36DR232B
Table 17. Status Register Bits (1)
Note: 1. Logic level '1' is High, '0' is Low. -0-1-0-0-0-1-1-1-0- represent bit value in successive Read operations.
2. In case of double word program DQ7 refers to the last word input.
DQ
Name
Logic Level
Definition
Note
7
Data
Polling
'1'
Erase Complete or erase block
in Erase Suspend.
Indicates the P/E.C. status, check
during Program or Erase, and on
completion before checking bits DQ5
for Program or Erase Success.
'0'
Erase On-going
DQ
Program Complete or data of
non erase block during Erase
Suspend.
DQ
Program On-going (2)
6
Toggle Bit
'-1-0-1-0-1-0-1-'
Erase or Program On-going
Successive reads output
complementary data on DQ6 while
Programming or Erase operations are
on-going. DQ6 remains at constant
level when P/E.C. operations are
completed or Erase Suspend is
acknowledged.
DQ
Program Complete
'-1-1-1-1-1-1-1-'
Erase Complete or Erase
Suspend on currently addressed
block
5
Error Bit
'1'
Program or Erase Error
This bit is set to '1' in the case of
Programming or Erase failure.
'0'
Program or Erase On-going
4
Reserved
3
Erase Time
Bit
'1'
Erase Timeout Period Expired
P/E.C. Erase operation has started.
Only possible command entry is Erase
Suspend (ES)
'0'
Erase Timeout Period On-going
An additional block to be erased in
parallel can be entered to the P/E.C:
2
Toggle Bit
'-1-0-1-0-1-0-1-'
Erase Suspend read in the
Erase Suspended Block.
Erase Error due to the currently
addressed block (when DQ5 =
'1').
Indicates the erase status and allows
to identify the erased block.
1
Program on-going or Erase
Complete.
DQ
Erase Suspend read on non
Erase Suspend block.
1
Reserved
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com