Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M36DR232
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M36DR232 Datasheet HTML 26Page - STMicroelectronics M36DR232 Datasheet HTML 27Page - STMicroelectronics M36DR232 Datasheet HTML 28Page - STMicroelectronics M36DR232 Datasheet HTML 29Page - STMicroelectronics M36DR232 Datasheet HTML 30Page - STMicroelectronics M36DR232 Datasheet HTML 31Page - STMicroelectronics M36DR232 Datasheet HTML 32Page - STMicroelectronics M36DR232 Datasheet HTML 33Page - STMicroelectronics M36DR232 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
M36D232A, M36DR232B
30/46
Table 28. Flash Read and Write AC Characteristics, RPF Related
(TA = –40 to 85°C; VDDF = 1.65V to 2.2V)
Figure 11. Flash Read and Write AC Waveforms, RPF Related
Symbol
Alt
Parameter
Test Condition
Flash
Unit
100
120
Min
Max
Min
Max
tPHQ7V1
RPF High to Data Valid (Read
Mode)
150
150
ns
tPHQ7V2
RPF High to Data Valid
(Power Down enabled)
50
50
µs
tPLPH
tRP
RPF Pulse Width
100
100
ns
tPLQ7V
RPF Low to Reset Complete
During Program/Erase
15
15
µs
AI90212
DQ7
WF
RPF
tPLPH
tPHQ7V1,2
VALID
READ
DQ7
VALID
tPLQ7V
PROGRAM / ERASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com