Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M36DR232
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M36DR232 Datasheet HTML 11Page - STMicroelectronics M36DR232 Datasheet HTML 12Page - STMicroelectronics M36DR232 Datasheet HTML 13Page - STMicroelectronics M36DR232 Datasheet HTML 14Page - STMicroelectronics M36DR232 Datasheet HTML 15Page - STMicroelectronics M36DR232 Datasheet HTML 16Page - STMicroelectronics M36DR232 Datasheet HTML 17Page - STMicroelectronics M36DR232 Datasheet HTML 18Page - STMicroelectronics M36DR232 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
15/46
M36D232A, M36DR232B
Note: 1. Commands not interpreted in this table will default to read array mode.
2. For Coded cycles address inputs A11-A20 are don't care.
3. X = Don't Care.
4. The first cycles of the RD or AS instructions are followed by read operations. Any number of read cycles can occur after the com-
mand cycles.
5. During Erase Suspend, Read and Data Program functions are allowed in blocks not being erased.
6. Program Address 1 and Program Address 2 must be consecutive addresses differing only for address bit A0.
7. High voltage on VPPF (11.4V to 12.6V) is required for the proper execution of the Double Word Program instruction.
XBY
Exit Bypass
Mode
2
Addr.
XX
Data
90h
00h
PGBY
Program in
Bypass Mode
2
Addr.
X
Program
Address
Read Data Polling or Toggle Bit until Program
completes.
Data
A0h
Program
Data
DPGBY
Double Word
Program in
Bypass Mode
3
Addr.
X
Program
Address 1
Program
Address 2
Note 6, 7
Data
40h
Program
Data 1
Program
Data 2
BP
Block Protect
4
Addr.
555h
2AAh
555h
Block
Address
Data
AAh
55h
60h
01h
BU
Block Unprotect
1
Addr.
555h
2AAh
555h
Block
Address
Data
AAh
55h
60h
D0h
BL
Block Lock
4
Addr.
555h
2AAh
555h
Block
Address
Data
AAh
55h
60h
2Fh
BE
Block Erase
6+
Addr.
555h
2AAh
555h
555h
2AAh
Block
Address
Data
AAh
55h
80h
AAh
55h
30h
BKE
Bank Erase
6
Addr.
555h
2AAh
555h
555h
2AAh
Bank
Address
Data
AAh
55h
80h
AAh
55h
10h
ES
Erase Suspend
1
Addr. (3)
X
Read until Toggle stops, then read all the data needed
from any Blocks not being erased then Resume Erase.
Data
B0h
ER
Erase Resume
1
Addr.
Bank
Address
Read Data Polling or Toggle Bits until Erase completes or
Erase is suspended another time
Data
30h
Mne.
Instr.
Cyc.
1st Cyc.
2nd Cyc.
3rd Cyc.
4th Cyc.
5th Cyc.
6th Cyc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com