Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36DR232 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M36DR232
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M36DR232 Datasheet HTML 36Page - STMicroelectronics M36DR232 Datasheet HTML 37Page - STMicroelectronics M36DR232 Datasheet HTML 38Page - STMicroelectronics M36DR232 Datasheet HTML 39Page - STMicroelectronics M36DR232 Datasheet HTML 40Page - STMicroelectronics M36DR232 Datasheet HTML 41Page - STMicroelectronics M36DR232 Datasheet HTML 42Page - STMicroelectronics M36DR232 Datasheet HTML 43Page - STMicroelectronics M36DR232 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
M36D232A, M36DR232B
40/46
Table 33. SRAM Low VCCS Data Retention Characteristics
(1, 2)
(TA = –40 to 85°C; VDDS = 1.65V to 2.2V)
Note: 1. All other Inputs VIH ≤ VDD–0.2V orVIL ≤ 0.2V.
2. Sampled only. Not 100% tested.
Figure 23. SRAM Low VDDS Data Retention AC Waveforms, E1S Controlled
Figure 24. SRAM Low VDDS Data Retention AC Waveforms, E2S Controlled
Symbol
Parameter
Test Condition
Min
Max
Unit
IDDDR
Supply Current (Data Retention)
VDDS = 1.0V, E1S ≥ VDDS – 0.2V,
E2S
≥ VDDS – 0.2V or E2S ≤ 0.2V, f = 0
25
µA
VDR
Supply Voltage (Data Retention)
E1S
≥ VDDS – 0.2V, E2S ≤ 0.2V, f = 0
12.3
V
tCDR
Chip Disable to Power Down
E1S
≥ VCCS – 0.2V, E2S ≤ 0.2V, f = 0
0ns
tR
Operation Recovery Time
tRC
ns
AI90224
1.65 V
E1S
tCDR
E1S
≥ VDDS – 0.2V
1.2 V
VDR
VSSS
VDDS
tR
DATA RETENTION MODE
AI90225
1.65 V
E2S
tCDR
E2S
≤ 0.2V
VDR
VSSS
VDDS
tR
DATA RETENTION MODE
0.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com