Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS24N70D Datasheet (PDF) - A POWER MICROELECTRONICS

APS24N70D Datasheet PDF - A POWER MICROELECTRONICS
Part # APS24N70D
Download  APS24N70D Download
File Size   1428.98 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 750V SIC N-Channel Enhancement Mode MOSFET

APS24N70D Datasheet (PDF)

Go To PDF Page Download Datasheet
APS24N70D Datasheet PDF - A POWER MICROELECTRONICS

Part # APS24N70D
Download  APS24N70D Click to download

File Size   1428.98 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 750V SIC N-Channel Enhancement Mode MOSFET

APS24N70D Datasheet (HTML) - A POWER MICROELECTRONICS


APS24N70D Product details

Features
- VDS = 750V ID =24A
- RDS(ON) < 250mΩ @ VGS=18V (Type:190mΩ)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - APS24N70D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
APS24N70F APME-APS24N70F Datasheet
1Mb / 10P
750V SIC N-Channel Enhancement Mode MOSFET
REV1.0
APS24N70P APME-APS24N70P Datasheet
1Mb / 10P
750V SIC N-Channel Enhancement Mode MOSFET
REV1.0
APS24N70T APME-APS24N70T Datasheet
1Mb / 10P
750V SIC N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - APS24N70D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N75 UTC-7N75 Datasheet
177Kb / 6P
7.0A, 750V N-CHANNEL POWER MOSFET
10N75 UTC-10N75_11 Datasheet
175Kb / 6P
10A, 750V N-CHANNEL POWER MOSFET
logo
Littelfuse
LSIC1MO120E0080 LITTELFUSE-LSIC1MO120E0080 Datasheet
898Kb / 8P
LSIC1MO120E0080 1200 V N-channel, Enhancement-mode SiC MOSFET
LSIC1MO120E0120 LITTELFUSE-LSIC1MO120E0120 Datasheet
915Kb / 8P
LSIC1MO120E0120 1200 V N-channel, Enhancement-mode SiC MOSFET
LSIC1MO120E0160 LITTELFUSE-LSIC1MO120E0160 Datasheet
943Kb / 8P
LSIC1MO120E0160 1200 V N-channel, Enhancement-mode SiC MOSFET
logo
UnitedSiC.
UJ4C075018K4S UNITEDSIC-UJ4C075018K4S Datasheet
632Kb / 14P
750V-18mW SiC FET
Rev. A, October 2020
UJ4C075033K3S UNITEDSIC-UJ4C075033K3S Datasheet
898Kb / 15P
750V-33mW SiC FET
Rev. B, July 2021
UJ4C075044K3S UNITEDSIC-UJ4C075044K3S Datasheet
900Kb / 15P
750V-44mW SiC FET
Rev. B, July 2021
UJ4C075060K3S UNITEDSIC-UJ4C075060K3S Datasheet
624Kb / 14P
750V-58mW SiC FET
Rev. A, October 2020
UJ4C075033B7S UNITEDSIC-UJ4C075033B7S Datasheet
799Kb / 12P
750V-33mW SiC FET
March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com