Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N75 Datasheet (PDF) - Unisonic Technologies

7N75 Datasheet PDF - Unisonic Technologies
Part # 7N75
Download  7N75 Download
File Size   177.84 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7.0A, 750V N-CHANNEL POWER MOSFET

7N75 Datasheet (PDF)

Go To PDF Page Download Datasheet
7N75 Datasheet PDF - Unisonic Technologies

Part # 7N75
Download  7N75 Click to download

File Size   177.84 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7.0A, 750V N-CHANNEL POWER MOSFET

7N75 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 7N75

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N70 UTC-7N70 Datasheet
150Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
7N70 UTC-7N70 Datasheet
376Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
7N70 UTC-7N70 Datasheet
387Kb / 7P
7A, 700V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
logo
Unisonic Technologies
7N70-TF3-T UTC-7N70-TF3-T Datasheet
150Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
More results


Similar Description - 7N75

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY440CM IRF-IRFY440CM Datasheet
300Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=7.0A)
logo
Unisonic Technologies
10N75 UTC-10N75_11 Datasheet
175Kb / 6P
10A, 750V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDMC2674 FAIRCHILD-FDMC2674_12 Datasheet
318Kb / 7P
N-Channel UltraFET Trench MOSFET 220V, 7.0A, 366m廓
logo
Nanjing International G...
NJ7N80 DGNJDZ-NJ7N80 Datasheet
684Kb / 6P
7.0A 800V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDF7N65B MGCHIP-MDF7N65B Datasheet
820Kb / 6P
N-Channel MOSFET 650V, 7.0A, 1.35(ohm)
MDP7N60B MGCHIP-MDP7N60B Datasheet
1Mb / 8P
N-Channel MOSFET 600V, 7.0A, 1.15(ohm)
logo
Will Semiconductor Ltd.
WNMD2158 WILLSEMI-WNMD2158 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
WNMD2172 WILLSEMI-WNMD2172 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
logo
KIA Semiconductor Techn...
7N60H KIA-7N60H Datasheet
280Kb / 6P
7.0A,600V N-CHANNEL MOSFET
logo
Nanjing International G...
NJ7N65 DGNJDZ-NJ7N65 Datasheet
1,000Kb / 9P
7.0A 650V N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com