Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ7N80 Datasheet (PDF) - Nanjing International Group Co

NJ7N80 Datasheet PDF - Nanjing International Group Co
Part # NJ7N80
Download  NJ7N80 Download
File Size   684.54 Kbytes
Page   6 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 7.0A 800V N-CHANNEL POWER MOSFET

NJ7N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJ7N80 Datasheet PDF - Nanjing International Group Co

Part # NJ7N80
Download  NJ7N80 Click to download

File Size   684.54 Kbytes
Page   6 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 7.0A 800V N-CHANNEL POWER MOSFET

NJ7N80 Datasheet (HTML) - Nanjing International Group Co




Similar Part No. - NJ7N80

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ7N60 DGNJDZ-NJ7N60 Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
NJ7N60-BL DGNJDZ-NJ7N60-BL Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
NJ7N60-LI DGNJDZ-NJ7N60-LI Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
NJ7N60F-LI DGNJDZ-NJ7N60F-LI Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
NJ7N65 DGNJDZ-NJ7N65 Datasheet
1,000Kb / 9P
7.0A 650V N-CHANNEL POWER MOSFET
More results


Similar Description - NJ7N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
800V N-CHANNEL POWER MOSFET
7N75 UTC-7N75 Datasheet
177Kb / 6P
7.0A, 750V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
800V N-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WNMD2158 WILLSEMI-WNMD2158 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
WNMD2172 WILLSEMI-WNMD2172 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
logo
KIA Semiconductor Techn...
7N60H KIA-7N60H Datasheet
280Kb / 6P
7.0A,600V N-CHANNEL MOSFET
logo
Nanjing International G...
NJ7N65 DGNJDZ-NJ7N65 Datasheet
1,000Kb / 9P
7.0A 650V N-CHANNEL POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com