Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N80 Datasheet (PDF) - Unisonic Technologies

10N80 Datasheet PDF - Unisonic Technologies
Part # 10N80
Download  10N80 Download
File Size   199.27 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 800V N-CHANNEL POWER MOSFET

10N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
10N80 Datasheet PDF - Unisonic Technologies

Part # 10N80
Download  10N80 Click to download

File Size   199.27 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 800V N-CHANNEL POWER MOSFET

10N80 Datasheet (HTML) - Unisonic Technologies


10N80 Product details

DESCRIPTION

The UTC 10N80 uses UTC’s advanced proprietary, planar stripe, DMOS technology to provide excellent RDS(ON), low gate charge and operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications.



FEATURES

* RDS(ON) = 1.1Ω@VGS = 10 V

* Ultra Low Gate Charge ( Typical 45nC )

* Low Reverse Transfer Capacitance ( CRSS = Typical 15pF )

* Fast Switching Capability

* Avalanche Energy Specified

* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 10N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
10A, 800V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
10N80 NELLSEMI-10N80 Datasheet
352Kb / 6P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
10N80 ISC-10N80 Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
logo
Shanghai Shunye Electro...
10N80 SHUNYE-10N80 Datasheet
1Mb / 7P
800V N-Channel Planar MOSFET
logo
Inchange Semiconductor ...
10N80-3PN ISC-10N80-3PN Datasheet
205Kb / 2P
N-Channel MOSFET Transistor
More results


Similar Description - 10N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N80_1108 UTC-7N80_1108 Datasheet
187Kb / 6P
7A, 800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
800V N-Channel Power MOSFET
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80_13 Datasheet
1Mb / 10P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
800V N-Channel Power MOSFET
logo
Nanjing International G...
NJ10N80 DGNJDZ-NJ10N80 Datasheet
748Kb / 6P
10A 800V N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com