Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM8N80 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSM8N80 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSM8N80
Download  TSM8N80 Download
File Size   406.51 Kbytes
Page   10 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 800V N-Channel Power MOSFET

TSM8N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM8N80 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSM8N80
Download  TSM8N80 Click to download

File Size   406.51 Kbytes
Page   10 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 800V N-Channel Power MOSFET

TSM8N80 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSM8N80 Product details

General Description

The TSM8N80 N-Channel enhancement mode Power MOSFETis produced by planar stripe DMOS technology. This  advanced  technology  has  been  especially  tailored  to  minimize  on-state  resistance,  provide  superior switching  performance,  and  withstand  high  energy  pulse  in  the  avalanche  and  commutation  mode.  These devices  are  well  suited  for  high  efficiency  switch  mode  power  supply,  electronic  lamp  ballast  based  on half bridge.



Features

● Low RDS(ON) 1.4Ω(Max.)

● Low gate charge typical @ 41nC (Typ.)

● Improve dv/dt capability




Similar Part No. - TSM8N80

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM8N80CIC0G TSC-TSM8N80CIC0G Datasheet
1Mb / 10P
800V N-Channel Power MOSFET
TSM8N80CZC0 TSC-TSM8N80CZC0 Datasheet
1Mb / 10P
800V N-Channel Power MOSFET
TSM8N80CZC0G TSC-TSM8N80CZC0G Datasheet
1Mb / 10P
800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80_13 Datasheet
1Mb / 10P
800V N-Channel Power MOSFET
More results


Similar Description - TSM8N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
800V N-CHANNEL POWER MOSFET
7N80_1108 UTC-7N80_1108 Datasheet
187Kb / 6P
7A, 800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80_13 Datasheet
1Mb / 10P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
800V N-Channel Power MOSFET
logo
Nanjing International G...
NJ10N80 DGNJDZ-NJ10N80 Datasheet
748Kb / 6P
10A 800V N-CHANNEL POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com