Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ7N65 Datasheet (PDF) - Nanjing International Group Co

NJ7N65 Datasheet PDF - Nanjing International Group Co
Part # NJ7N65
Download  NJ7N65 Download
File Size   1000.87 Kbytes
Page   9 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 7.0A 650V N-CHANNEL POWER MOSFET

NJ7N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJ7N65 Datasheet PDF - Nanjing International Group Co

Part # NJ7N65
Download  NJ7N65 Click to download

File Size   1000.87 Kbytes
Page   9 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 7.0A 650V N-CHANNEL POWER MOSFET

NJ7N65 Datasheet (HTML) - Nanjing International Group Co


NJ7N65 Product details

FEATURES
VDS = 650V
ID = 7.0A
RDS(on)=1.8 ohm@VGS =10V
High switching speed
100% avalanche tested




Similar Part No. - NJ7N65

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ7N60 DGNJDZ-NJ7N60 Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
NJ7N60-BL DGNJDZ-NJ7N60-BL Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
NJ7N60-LI DGNJDZ-NJ7N60-LI Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
NJ7N60F-LI DGNJDZ-NJ7N60F-LI Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
More results


Similar Description - NJ7N65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
logo
Unisonic Technologies
7N75 UTC-7N75 Datasheet
177Kb / 6P
7.0A, 750V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
logo
Nanjing International G...
NJ7N80 DGNJDZ-NJ7N80 Datasheet
684Kb / 6P
7.0A 800V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDF7N65B MGCHIP-MDF7N65B Datasheet
820Kb / 6P
N-Channel MOSFET 650V, 7.0A, 1.35(ohm)
logo
Will Semiconductor Ltd.
WNMD2158 WILLSEMI-WNMD2158 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
WNMD2172 WILLSEMI-WNMD2172 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
logo
KIA Semiconductor Techn...
7N60H KIA-7N60H Datasheet
280Kb / 6P
7.0A,600V N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com