Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N60H Datasheet (PDF) - KIA Semiconductor Technology

7N60H Datasheet PDF - KIA Semiconductor Technology
Part # 7N60H
Download  7N60H Download
File Size   280.94 Kbytes
Page   6 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 7.0A,600V N-CHANNEL MOSFET

7N60H Datasheet (PDF)

Go To PDF Page Download Datasheet
7N60H Datasheet PDF - KIA Semiconductor Technology

Part # 7N60H
Download  7N60H Click to download

File Size   280.94 Kbytes
Page   6 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 7.0A,600V N-CHANNEL MOSFET

7N60H Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 7N60H

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
7N60H CHONGQING-7N60H Datasheet
193Kb / 2P
7A mps,600 Volts N-CHANNEL MOSFET
More results


Similar Description - 7N60H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FDMC2674 FAIRCHILD-FDMC2674_07 Datasheet
228Kb / 7P
N-Channel UltraFET Trench MOSFET 220V, 7.0A, 366m廓
logo
Unisonic Technologies
7N75 UTC-7N75 Datasheet
177Kb / 6P
7.0A, 750V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDMC2674 FAIRCHILD-FDMC2674_12 Datasheet
318Kb / 7P
N-Channel UltraFET Trench MOSFET 220V, 7.0A, 366m廓
logo
Nanjing International G...
NJ7N80 DGNJDZ-NJ7N80 Datasheet
684Kb / 6P
7.0A 800V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDF7N65B MGCHIP-MDF7N65B Datasheet
820Kb / 6P
N-Channel MOSFET 650V, 7.0A, 1.35(ohm)
MDP7N60B MGCHIP-MDP7N60B Datasheet
1Mb / 8P
N-Channel MOSFET 600V, 7.0A, 1.15(ohm)
logo
Will Semiconductor Ltd.
WNMD2158 WILLSEMI-WNMD2158 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
WNMD2172 WILLSEMI-WNMD2172 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
logo
Nanjing International G...
NJ7N65 DGNJDZ-NJ7N65 Datasheet
1,000Kb / 9P
7.0A 650V N-CHANNEL POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com