Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201Y Datasheet (PDF) - STMicroelectronics

M48T201Y Datasheet PDF - STMicroelectronics
Part # M48T201Y
Download  M48T201Y Download
File Size   477.43 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V-5V TIMEKEEPER CONTROLLER

M48T201Y Datasheet (PDF)

Go To PDF Page Download Datasheet
M48T201Y Datasheet PDF - STMicroelectronics

Part # M48T201Y
Download  M48T201Y Click to download

File Size   477.43 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V-5V TIMEKEEPER CONTROLLER

M48T201Y Datasheet (HTML) - STMicroelectronics


M48T201Y Product details

Description
The M48T201Y/V are self-contained devices that include a real time clock (RTC), programmable alarms, a watchdog timer, and a square wave output which provides control of up to 512 K x 8 of external low-power static RAM. Access to all RTC functions and the external RAM is the same as conventional bytewide SRAM. The 16 TIMEKEEPER® registers offer year, month, date, day, hour, minute, second, calibration, alarm, century, watchdog, and square wave output data. Externally attached static RAMs are controlled by the M48T201Y/V via the GCON and ECON signals.

Features
■ Converts low power SRAM into NVRAMs
■ Year 2000 compliant
■ Battery low flag
■ Integrated real time clock, power-fail control circuit, battery and crystal
■ Watchdog timer
■ Choice of write protect voltages (VPFD = power-fail deselect voltage):
    – M48T201Y: VCC = 4.5 to 5.5 V 4.1V ≤ VPFD ≤ 4.5 V
    – M48T201V: VCC = 3.0 to 3.6 V 2.7 V ≤ VPFD ≤ 3.0 V
■ Microprocessor power-on reset (valid even during battery backup mode)
■ Programmable alarm output active in the battery backed-up mode
■ Packaging includes a 44-lead SOIC and SNAPHAT® top (to be ordered separately)
■ SOIC package provides direct connection for a SNAPHAT® top which contains the battery and crystal
■ RoHS compliant
    – Lead-free second level interconnect




Similar Part No. - M48T201Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y Datasheet
318Kb / 35P
5.0 or 3.3V TIMEKEEPER짰 supervisor
12-Sep-2007
M48T201Y STMICROELECTRONICS-M48T201Y Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
M48T201Y-70MH1 STMICROELECTRONICS-M48T201Y-70MH1 Datasheet
318Kb / 35P
5.0 or 3.3V TIMEKEEPER짰 supervisor
12-Sep-2007
M48T201Y-70MH1 STMICROELECTRONICS-M48T201Y-70MH1 Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
M48T201Y-70MH1E STMICROELECTRONICS-M48T201Y-70MH1E Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER® supervisor
23-Mar-2009
More results


Similar Description - M48T201Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48T212A STMICROELECTRONICS-M48T212A Datasheet
165Kb / 20P
3.3V TIMEKEEPER CONTROLLER
01-Mar-2000
M48T212Y STMICROELECTRONICS-M48T212Y Datasheet
616Kb / 32P
5V/3.3V TIMEKEEPER CONTROLLER Supervisor
Apr-2004
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
20-Jun-2000
logo
Maxim Integrated Produc...
MAX767 MAXIM-MAX767 Datasheet
192Kb / 20P
5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
Rev 2; 8/94
logo
Dallas Semiconductor
DS1836 DALLAS-DS1836 Datasheet
169Kb / 9P
3.3V/5V MicroManager
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
3.3V TIMEKEEPER supervisor
05-Nov-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com