Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3009LFVWQ Datasheet (PDF) - Diodes Incorporated

DMN3009LFVWQ Datasheet PDF - Diodes Incorporated
Part # DMN3009LFVWQ
Download  DMN3009LFVWQ Download
File Size   564.79 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8

DMN3009LFVWQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMN3009LFVWQ Datasheet PDF - Diodes Incorporated

Part # DMN3009LFVWQ
Download  DMN3009LFVWQ Click to download

File Size   564.79 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8

DMN3009LFVWQ Datasheet (HTML) - Diodes Incorporated


DMN3009LFVWQ Product details

Features and Benefits
 Low RDS(ON) – ensures on state losses are minimized
 Small form factor thermally efficient package enables higher
density end products
 Occupies just 33% of the board area occupied by SO-8 enabling
smaller end product
 100% Unclamped Inductive Switching (UIS) Test in Production –
Ensures More Reliable and Robust End Application
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The DMN3009LFVWQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q101
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/

Description and Applications
This MOSFET is designed to meet the stringent requirements of
automotive applications. It is qualified to AEC-Q101, supported by a
PPAP and is ideal for use in:
 Backlighting
 Power Management Functions
 DC-DC Converters




Similar Part No. - DMN3009LFVWQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3009LFVW DIODES-DMN3009LFVW Datasheet
549Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN3009LFVW-13 DIODES-DMN3009LFVW-13 Datasheet
549Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN3009LFVW-7 DIODES-DMN3009LFVW-7 Datasheet
549Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results


Similar Description - DMN3009LFVWQ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG7430LFGQ DIODES-DMG7430LFGQ Datasheet
428Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
July 2021 Rev. 2 - 2
DMN10H170SFGQ DIODES-DMN10H170SFGQ Datasheet
517Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
March 2019 Rev. 2 - 2
DMN10H220LDV DIODES-DMN10H220LDV Datasheet
568Kb / 7P
DUAL 100V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
June 2020 Rev. 1 - 2
DMT68M8LFV DIODES-DMT68M8LFV Datasheet
542Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
November 2018 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com