Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH4002SCTBQ-13 Datasheet (PDF) - Diodes Incorporated

DMTH4002SCTBQ-13 Datasheet PDF - Diodes Incorporated
Part # DMTH4002SCTBQ-13
Download  DMTH4002SCTBQ-13 Download
File Size   602.82 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH4002SCTBQ-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMTH4002SCTBQ-13 Datasheet PDF - Diodes Incorporated

Part # DMTH4002SCTBQ-13
Download  DMTH4002SCTBQ-13 Click to download

File Size   602.82 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH4002SCTBQ-13 Datasheet (HTML) - Diodes Incorporated


DMTH4002SCTBQ-13 Product details

Description and Applications
This MOSFET is designed to meet the stringent requirements of
automotive applications. It is qualified to AEC-Q101, supported by a
PPAP, and is ideal for use in:
 Engine Management Systems
 Body Control Electronics
 DC-DC Converters

Features
 Rated to +175°C—Ideal for High Ambient Temperature
Environments
 100% Unclamped Inductive Switching (UIS) Test in Production –
Ensures More Reliable and Robust End Application
 Low RDS(ON)—Minimizes Power Losses
 Low Qg—Minimizes Switching Losses
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The DMTH4002SCTBQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q101
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/




Similar Part No. - DMTH4002SCTBQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4002SCTB DIODES-DMTH4002SCTB Datasheet
610Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
March 2020 Rev. 3 - 2
DMTH4002SCTB-13 DIODES-DMTH4002SCTB-13 Datasheet
610Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
March 2020 Rev. 3 - 2
More results


Similar Description - DMTH4002SCTBQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5LPSWQ DIODES-DMTH45M5LPSWQ Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMNH45M7SCT DIODES-DMNH45M7SCT Datasheet
475Kb / 6P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2
DMTH43M8LFGQ DIODES-DMTH43M8LFGQ Datasheet
513Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2023 Rev. 7 - 2
DMT47M2SFVWQ DIODES-DMT47M2SFVWQ Datasheet
479Kb / 7P
40V 150°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2019 Rev. 2 - 2
DMTH10H015SPSQ DIODES-DMTH10H015SPSQ Datasheet
919Kb / 9P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH31M7LPSQ DIODES-DMTH31M7LPSQ Datasheet
374Kb / 8P
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMTH45M5LFVWQ DIODES-DMTH45M5LFVWQ Datasheet
719Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 3 - 2
DMTH46M7SFVWQ DIODES-DMTH46M7SFVWQ Datasheet
678Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com