Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPD78C10A Datasheet (PDF) - NEC

MPD78C10A Datasheet PDF - NEC
Part # MPD78C10A
Download  MPD78C10A Download
File Size   1478.76 Kbytes
Page   373 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

MPD78C10A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPD78C10A Datasheet PDF - NEC

Part # MPD78C10A
Download  MPD78C10A Click to download

File Size   1478.76 Kbytes
Page   373 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

MPD78C10A Datasheet (HTML) - NEC


MPD78C10A Product details

8-BIT SINGLE-CHIP MICROCONTROLLER (WITH A/D CONVERTER)

The µPD78C18 is an 8-bit CMOS microcontroller which integrates 16-bit ALU, ROM, RAM, an A/D converter, a multi-function timer/event counter, and a general-purpose serial interface onto a single chip, and whose memory (ROM/RAM) is externally expandable up to 31 Kbytes. The µPD78C18 can operate at low power consumption because of its CMOS architecure and is provided with a standby function that enables data retention with an even lower power consumption.
The µPD78C17 is the ROM-less version of the µPD78C18. Its memory (ROM/RAM) is expandable externally up to 63 Kbytes.

FEATURES
• 159 types of instructions: 87AD series instruction set plus multiply/divide and 16-bit operation instructions
• Instruction cycle: 0.8 µs (at 15-MHz operation)
• Internal ROM: 32768 x 8 bits (µPD78C18 only)
• Internal RAM: 1024 x 8 bits
• Up to 64 Kbytes of memory (ROM/RAM) can be directly addressed.
• High-resolution 8-bit A/D converter: 8 analog inputs
• General-purpose serial interface: Asynchronous, synchronous, I/O interface modes
• Multi-function 16-bit timer/event counter
• Two 8-bit timers
• I/O lines Input/output ports : 28 (µPD78C17), 40 (µPD78C18)
              Edge detection inputs : 4
• 11 interrupt functions External : 3, Internal: 8 (Non-maskable: 1, Maskable: 10)
• Zero-cross detection function: (2 inputs)
• Standby function: HALT mode, hardware/software STOP mode
• Mask option pull-up resistors can be incorporated into Ports A, B, and C. (µPD78C18 only)




Similar Part No. - MPD78C10A

ManufacturerPart #DatasheetDescription
logo
NEC
MPD784031 NEC-MPD784031 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
MPD784035 NEC-MPD784035 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
MPD784036 NEC-MPD784036 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
MPD784037 NEC-MPD784037 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
MPD784038 NEC-MPD784038 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Similar Description - MPD78C10A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
8-Bit Single-Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com